Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9261 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
6062GS–ATARM–05-Dec-06
AT91SAM9261 Preliminary
NANDCS
NAND Flash Chip Select
Output
Low
SDRAM Controller
SDCK
SDRAM Clock
Output
SDCKE
SDRAM Clock Enable
Output
High
SDCS
SDRAM Controller Chip Select
Output
Low
BA0 - BA1
Bank Select
Output
SDWE
SDRAM Write Enable
Output
Low
RAS - CAS
Row and Column Signal
Output
Low
SDA10
SDRAM Address 10 Line
Output
Multimedia Card Interface
MCCK
Multimedia Card Clock
Output
MCCDA
Multimedia Card A Command
I/O
MCDA0 - MCDA3
Multimedia Card A Data
I/O
USART
SCK0 - SCK2
Serial Clock
I/O
TXD0 - TXD2
Transmit Data
Output
RXD0 - RXD2
Receive Data
Input
RTS0 - RTS2
Request To Send
Output
CTS0 - CTS2
Clear To Send
Input
Synchronous Serial Controller
TD0 - TD2
Transmit Data
Output
RD0 - RD2
Receive Data
Input
TK0 - TK2
Transmit Clock
I/O
RK0 - RK2
Receive Clock
I/O
TF0 - TF2
Transmit Frame Sync
I/O
RF0 - RF2
Receive Frame Sync
I/O
Timer/Counter
TCLK0 - TCLK2
External Clock Input
Input
TIOA0 - TIOA2
I/O Line A
I/O
TIOB0 - TIOB2
I/O Line B
I/O
SPI
SPI0_MISO -
SPI1_MISO
Master In Slave Out
I/O
SPI0_MOSI -
SPI1_MOSI
Master Out Slave In
I/O
SPI0_SPCK -
SPI1_SPCK
SPI Serial Clock
I/O
Table 3-1.
Signal Description by Peripheral (Continued)
Signal Name
Function
Type
Active Level
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com