Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9261 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18
6062GS–ATARM–05-Dec-06
AT91SAM9261 Preliminary
8.1.1
Internal Memory Mapping
Table 8-3 summarizes the Internal Memory Mapping for each Master, depending on the Remap
status and the BMS state at reset.
Note:
1. EBI NCS0 is to be connected to a 16-bit non-volatile memory. The access configuration is defined by the reset state of SMC
Setup, SMC Pulse, SMC Cycle and SMC Mode CS0 registers.
8.1.1.1
Internal SRAM
The AT91SAM9261 embeds a high-speed 160 Kbyte SRAM. This Internal SRAM is split into
three areas. Its Memory Mapping is detailed in Table 8-3 above.
• Internal SRAM A is the ARM926EJ-S Instruction TCM and the user can map this SRAM
block anywhere in the ARM926 instruction memory space using CP15 instructions. This
SRAM block is also accessible by the ARM926 Data Master and by the AHB Masters through
the AHB bus at address 0x0010 0000.
• Internal SRAM B is the ARM926EJ-S Data TCM and the user can map this SRAM block
anywhere in the ARM926 data memory space using CP15 instructions. This SRAM block is
also accessible by the ARM926 Data Master and by the AHB Masters through the AHB bus
at address 0x0020 0000.
• Internal SRAM C is only accessible by all the AHB Masters.
After reset and until the Remap Command is performed, this SRAM block is accessible
through the AHB bus at address 0x0030 0000 by all the AHB Masters.
After Remap, this SRAM block also becomes accessible through the AHB bus at address
0x0 by the ARM926 Instruction and the ARM926 Data Masters.
Within the 160 Kbyte SRAM size available, the amount of memory assigned to each block is
software programmable as a multiple of 16 Kbytes according to Table 8-4. This table provides
the size of the Internal SRAM C according to the size of the Internal SRAM A and the Internal
SRAM B.
Note that among the ten 16 Kbyte blocks making up the Internal SRAM, two are permanently
assigned to Internal SRAM C.
At reset, the whole memory (160 Kbytes) is assigned to Internal SRAM C.
Table 8-3.
Internal Memory Mapping
Address
Master 0: ARM926 Instruction
Master 1: ARM926 Data
REMAP(RCB0) = 0
REMAP (RCB0) = 1
REMAP (RCB1) = 0
REMAP (RCB1) = 1
BMS = 1
BMS = 0
BMS = 1
BMS = 0
0x0000 0000
Int. ROM
EBI NCS0(1)
Int. RAM C
Int. ROM
EBI NCS0(1)
Int. RAM C
Table 8-4.
Internal SRAM Block Size
Internal SRAM C
Internal SRAM A (ITCM)
0
16 Kbytes
32 Kbytes
64 Kbytes
Internal SRAM B (DCTM)
0
160 Kbytes
144 Kbytes
128 Kbytes
96 Kbytes
16 Kbytes
144 Kbytes
128 Kbytes
112 Kbytes
80 Kbytes
32 Kbytes
128 Kbytes
112 Kbytes
96 Kbytes
64 Kbytes
64 Kbytes
96 Kbytes
80 Kbytes
64 Kbytes
32 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com