Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 301 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 301 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 297Page - ATMEL Corporation AT90USB82 Datasheet HTML 298Page - ATMEL Corporation AT90USB82 Datasheet HTML 299Page - ATMEL Corporation AT90USB82 Datasheet HTML 300Page - ATMEL Corporation AT90USB82 Datasheet HTML 301Page - ATMEL Corporation AT90USB82 Datasheet HTML 302Page - ATMEL Corporation AT90USB82 Datasheet HTML 303Page - ATMEL Corporation AT90USB82 Datasheet HTML 304Page - ATMEL Corporation AT90USB82 Datasheet HTML 305Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 306 page
background image
2
7707D–AVR–07/08
AT90USB82/162
8.1 Idle Mode ...............................................................................................................42
8.2 Power-down Mode .................................................................................................42
8.3 Power-save Mode ..................................................................................................42
8.4 Standby Mode .......................................................................................................42
8.5 Extended Standby Mode .......................................................................................42
8.6 Power Reduction Register .....................................................................................43
8.7 Minimizing Power Consumption ............................................................................44
9
System Control and Reset .................................................................... 46
9.1 Resetting the AVR .................................................................................................46
9.2 Reset Sources .......................................................................................................46
9.3 Power-on Reset .....................................................................................................47
9.4 External Reset .......................................................................................................48
9.5 Brown-out Detection ..............................................................................................49
9.6 Watchdog Reset ....................................................................................................50
9.7 USB Reset .............................................................................................................50
9.8 Internal Voltage Reference ....................................................................................52
9.9 Watchdog Timer ....................................................................................................52
10
Interrupts ................................................................................................ 63
10.1 Interrupt Vectors in AT90USB82/162 ..................................................................63
11
I/O-Ports .................................................................................................. 67
11.1 Introduction ..........................................................................................................67
11.2 Ports as General Digital I/O .................................................................................68
11.3 Alternate Port Functions ......................................................................................72
11.4 Register Description for I/O-Ports ........................................................................82
12
External Interrupts ................................................................................. 84
13
Timer/Counter0 and Timer/Counter1 Prescalers ................................ 88
14
8-bit Timer/Counter0 with PWM ............................................................ 90
14.1 Overview ..............................................................................................................90
14.2 Timer/Counter Clock Sources .............................................................................91
14.3 Counter Unit ........................................................................................................91
14.4 Output Compare Unit ...........................................................................................92
14.5 Compare Match Output Unit ................................................................................94
14.6 Modes of Operation .............................................................................................95
14.7 Timer/Counter Timing Diagrams .........................................................................99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com