Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 304 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 298Page - ATMEL Corporation AT90USB82 Datasheet HTML 299Page - ATMEL Corporation AT90USB82 Datasheet HTML 300Page - ATMEL Corporation AT90USB82 Datasheet HTML 301Page - ATMEL Corporation AT90USB82 Datasheet HTML 302Page - ATMEL Corporation AT90USB82 Datasheet HTML 303Page - ATMEL Corporation AT90USB82 Datasheet HTML 304Page - ATMEL Corporation AT90USB82 Datasheet HTML 305Page - ATMEL Corporation AT90USB82 Datasheet HTML 306Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 304 / 306 page
background image
5
7707D–AVR–07/08
AT90USB82/162
23
Boot Loader Support – Read-While-Write Self-Programming ......... 225
23.1 Boot Loader Features ........................................................................................225
23.2 Application and Boot Loader Flash Sections .....................................................225
23.3 Read-While-Write and No Read-While-Write Flash Sections ............................225
23.4 Boot Loader Lock Bits .......................................................................................228
23.5 Entering the Boot Loader Program ....................................................................229
23.6 Addressing the Flash During Self-Programming ...............................................233
23.7 Self-Programming the Flash ..............................................................................233
24
debugWIRE On-chip Debug System .................................................. 241
24.1 Features ............................................................................................................241
24.2 Overview ............................................................................................................241
24.3 Physical Interface ..............................................................................................241
24.4 Software Break Points .......................................................................................242
24.5 Limitations of debugWIRE .................................................................................242
24.6 debugWIRE Related Register in I/O Memory ....................................................242
25
Memory Programming ......................................................................... 243
25.1 Program And Data Memory Lock Bits ...............................................................243
25.2 Fuse Bits ............................................................................................................244
25.3 Signature Bytes .................................................................................................246
25.4 Calibration Byte .................................................................................................246
25.5 Parallel Programming Parameters, Pin Mapping, and Commands ...................246
25.6 Parallel Programming ........................................................................................249
25.7 Serial Downloading ............................................................................................257
25.8 Serial Programming Pin Mapping ......................................................................257
26
Electrical Characteristics .................................................................... 262
26.1 Absolute Maximum Ratings* .............................................................................262
26.2 DC Characteristics .............................................................................................262
26.3 External Clock Drive Waveforms .......................................................................264
26.4 External Clock Drive ..........................................................................................264
26.5 Maximum speed vs. V
CC ...........................................................................................................................265
26.6 SPI Timing Characteristics ................................................................................265
26.7 Hardware Boot EntranceTiming Characteristics ................................................266
27
AT90USB82/162 Typical Characteristics – Preliminary Data ........... 268
27.1 Input Voltage Levels ..........................................................................................269
27.2 Output Voltage Levels .......................................................................................271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com