Electronic Components Datasheet Search
  English  ▼

X  

DP80390 Datasheet(PDF) 26 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 26 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 22Page - Digital Core Design DP80390 Datasheet HTML 23Page - Digital Core Design DP80390 Datasheet HTML 24Page - Digital Core Design DP80390 Datasheet HTML 25Page - Digital Core Design DP80390 Datasheet HTML 26Page - Digital Core Design DP80390 Datasheet HTML 27Page - Digital Core Design DP80390 Datasheet HTML 28Page - Digital Core Design DP80390 Datasheet HTML 29Page - Digital Core Design DP80390 Datasheet HTML 30Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
DP80390 Instructions set details
- 26 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.6.
CJNE
Instruction:
CJNE <dest-byte >, < src-byte >, rel
Function:
Compare and jump if not equal.
Description:
CJNE compares the magnitudes of the first two operands, and
branches if their values are not equal. The branch destination is
computed by adding the signed relative displacement in the last
instruction byte to the PC, after incrementing the PC to the start of the
next instruction. The carry flag is set if the unsigned integer value of
<dest-byte> is less than the unsigned integer value of <src-byte>;
otherwise, the carry is cleared. Neither operand is affected. The first two
operands allow four addressing mode combinations: the accumulator
may be compared with any directly addressed byte or immediate data,
and any indirect RAM location or working register can be compared with
an immediate constant.
3.6.1. CJNE A, DIRECT, REL
Operation:
(PC)
← (PC) + 3
if (A) < > (direct) then
(PC)
← (PC) + relative offset
if (A) < (direct) then
(C)
← 1
else
(C)
← 0
Bytes:
3
Cycles:
5
Encoding:
1
0
1
1
0
1
0
1
direct address
relative address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com