Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT90USB162
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 5Page - ATMEL Corporation AT90USB162 Datasheet HTML 6Page - ATMEL Corporation AT90USB162 Datasheet HTML 7Page - ATMEL Corporation AT90USB162 Datasheet HTML 8Page - ATMEL Corporation AT90USB162 Datasheet HTML 9Page - ATMEL Corporation AT90USB162 Datasheet HTML 10Page - ATMEL Corporation AT90USB162 Datasheet HTML 11Page - ATMEL Corporation AT90USB162 Datasheet HTML 12Page - ATMEL Corporation AT90USB162 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
7618C–AVR–07/08
4.6.1
Request From Host
4.6.1.1
Write Command
The write command is 6 bytes long. In order to meet with the USB specification of the Control
type transfers, the write command is completed with 26 (= 32 - 6) non-significant bytes. The total
length of the command is then 32 bytes, which is the length of the Default Control Endpoint.
4.6.1.2
Firmware
The firmware can now be downloaded to the device. In order to be in accordance with the Flash
page size (128 bytes), X non-significant bytes are added before the first byte to program. The X
number is calculated to align the beginning of the firmware with the Flash page. X =
start_address [32]. For example, if the start address is 00AFh (175d), X = 175 [32] = 15.
4.6.1.3
DFU Suffix
The DFU suffix of 16 bytes is added just after the last byte to program. This suffix is reserved for
future use.
-10
idVendor
2
ID
The vendor ID associated with this file. Either FFFFh or
must match device’s vendor ID
-12
idProduct
2
ID
The product ID associated with this file. Either FFFFh or
must match the device’s product ID
-14
bcdDevice
2
BCD
The release number of the device associated with this
file. Either FFFFh or a BCD firmware release or version
number
Offset
Field
Size
Value
Description
bmRequestType
bRequest
wValue
wIndex
wLength
Data
0010 0001b
DFU_DNLOAD (1)
wBlock
Interface (4)
Length
Firmware
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_prog_start
01h
00h
start_address
end_address
Init FLASH programming
01h
Init EEPROM programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com