Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT90USB162
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 14Page - ATMEL Corporation AT90USB162 Datasheet HTML 15Page - ATMEL Corporation AT90USB162 Datasheet HTML 16Page - ATMEL Corporation AT90USB162 Datasheet HTML 17Page - ATMEL Corporation AT90USB162 Datasheet HTML 18Page - ATMEL Corporation AT90USB162 Datasheet HTML 19Page - ATMEL Corporation AT90USB162 Datasheet HTML 20Page - ATMEL Corporation AT90USB162 Datasheet HTML 21Page - ATMEL Corporation AT90USB162 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
7618C–AVR–07/08
8.
Bootloader History
The following table shows the different bootloader revision and associated changes.
Table 8-1.
USB Bootloader History
9.
Appendix-A
Product
Bootloader Revision
Changes
AT90USB1287
AT90USB1286
AT90USB647
AT90USB646
1.0.1
Initial Revision
AT90USB162
AT90USB82
1.0.0
Initial Revision
1.0.1
Allow to use 16MHz cristal with 3.3V power supply and
CKDIV8 fuse.
1.0.5
Improved USB autobaud process
ATmega32U4
ATmega16U4
1.0.0
Initial Revision
Table 9-1.
Summary of Frames from Host
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_prog_start
01h
00h
start_address
end_address
Init FLASH programming
01h
Init EEPROM programming
Id_display_data
03h
00h
start_address
end_address
Display FLASH Data
01h
Blank Check in FLASH
02h
Display EEPROM Data
Id_write_command
04h
00h
FFh
Full chip Erase (bits at FFh)
03h
00h
Hardware reset
01h
address
LJMP address
Id_read_command
05h
00h
00h
Read Bootloader Version
01h
Read Device boot ID1
02h
Read Device boot ID2
01h
30h
Read Manufacturer Code
31h
Read Family Code
60h
Read Product Name
61h
Read Product Revision
Id_change _base
_address
06h
03h
00
“PP”
Select “PP” 64kBytes flash
page number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com