Electronic Components Datasheet Search
  English  ▼

X  

AT90USB162 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT90USB162
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT90USB162 Datasheet HTML 1Page - ATMEL Corporation AT90USB162 Datasheet HTML 2Page - ATMEL Corporation AT90USB162 Datasheet HTML 3Page - ATMEL Corporation AT90USB162 Datasheet HTML 4Page - ATMEL Corporation AT90USB162 Datasheet HTML 5Page - ATMEL Corporation AT90USB162 Datasheet HTML 6Page - ATMEL Corporation AT90USB162 Datasheet HTML 7Page - ATMEL Corporation AT90USB162 Datasheet HTML 8Page - ATMEL Corporation AT90USB162 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
7618C–AVR–07/08
device that supports DFU is not capable of changing its mode of operation on its own. External
(human or host operating system) intervention is required.
4.2
DFU Specific Requests
In addition to the USB standard requests, 7 DFU class-specific requests are used to accomplish
the upgrade operations:
Table 4-1.
DFU Class-specific Requests
4.3
DFU Descriptors Set
The device exports the DFU descriptor set, which contains:
• A DFU device descriptor
• A single configuration descriptor
• A single interface descriptor (including descriptors for alternate settings, if present)
4.3.1
DFU Device Descriptor
This descriptor is only present in the DFU mode descriptor set. The DFU class code is reported
in the bDeviceClass field of this descriptor.
Table 4-2.
DFU Mode Device Descriptor
bmRequestType
bRequest
wValue
wIndex
wLength
Data
0010 0001b
DFU_DETACH (0)
wTimeout
Interface (4)
Zero
none
0010 0001b
DFU_DNLOAD (1)
wBlock
Interface (4)
Length
Firmware
1010 0001b
DFU_UPLOAD (2)
wBlock
Interface (4)
Length
Firmware
1010 0001b
DFU_GETSTATUS (3)
Zero
Interface (4)
6
Status
0010 0001b
DFU_CLRSTATUS (4)
Zero
Interface (4)
Zero
none
1010 0001b
DFU_GETSTATE (5)
Zero
Interface (4)
1
State
0010 0001b
DFU_ABORT (6)
Zero
Interface (4)
Zero
none
Offset
Field
Size
Value
Description
0
bLength
1
12h
Size of this descriptor, in bytes
1
bDescriptorType
1
01h
DFU functional descriptor type
2
bcdUSB
2
0100h
USB specification release number in binary coded decimal
4
bDeviceClass
1
FEh
Application Specific Class Code
5
bDeviceSubClass
1
01h
Device Firmware Upgrade Code
6
bDeviceProtocol
1
00h
The device does not use a class specific protocol on this interface
7
bMaxPacketSize0
1
32
Maximum packet size for endpoint zero (limited to 32 due to Host side
driver)
8
idVendor
2
03EBh
Vendor ID
10
idProduct
2
2FFBh
Product ID
12
bcdDevice
2
0x0000
Device release number in binary coded decimal
14
iManufacturer
1
0
Index of string descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com