Electronic Components Datasheet Search
  English  ▼

X  

IMX27 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # IMX27
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button IMX27 Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
Functional Description and Application Information
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
21
•
Once-per-day, once-per-hour, once-per-minute, and once-per-second interrupts
•
Operation at 32.768 kHz or 32 kHz, or 38.4 kHz (determined by reference clock crystal)
The prescaler converts the incoming crystal reference clock to a 1 Hz signal, which is used to increment
the seconds, minutes, hours, and days TOD counters. The alarm functions, when enabled, generate RTC
interrupts when the TOD settings reach programmed values. The sampling timer generates
fixed-frequency interrupts, and the minute stopwatch allows for efficient interrupts on very small
boundaries.
2.3.29
Run-TIme Integrity Checker (RTIC)
The run-time integrity checker (RTIC) is one of the security components in the i.MX27/MX27L
processors. Its purpose is to ensure the integrity of the peripheral memory contents and assist with boot
authentication. The RTIC has the ability to verify the memory contents during system boot and during
run-time execution. If the memory contents at runtime fail to match the hash signature, an error in the
security monitor is triggered.
The RTIC provides SHA-1 message authentication and receives input via the DMA (AMBA-AHB Lite
bus master) interface. It uses segmented data gathering to support non-contiguous data blocks in memory
(up to two segments per block) and works during and with high assurance boot (HAB) process. It provides
Secure-scan DFT security and support for up to four independent memory blocks. The RTIC has both a
Programmable DMA bus duty cycle timer and its own watchdog timer.
The RTIC operates in two primary modes:
•
One-time hash mode—One-time hash mode is used during HAB for code authentication or
one-time integrity checking, during which it stores the hash result internally and signals the
ARM926 using an interrupt.
•
Continuous-hash mode—In continuous-hash mode, the RTIC is used continuously to verify
integrity of memory contents by checking re-generated hash against internally stored values and
interrupts host only if error occurs.
2.3.30
Symmetric/Asymmetric Hashing and Random Accelerator
(SAHARA2)
SAHARA2 is a security co-processor and implements encryption algorithms (AES, DES, and 3DES),
hashing algorithms (MD5, SHA-1, SHA_224, and SHA-256), stream cipher algorithm (ARC4), and a
hardware random number generator.
SAHARA2 offer features:
•
AES encryption/decryption
— ECB, CBC, CTR, and CRM modes
— 128-bit key
•DES/3DES
— EBC, CBC, and CTR modes
— 56-bit key with parity (DES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com