Electronic Components Datasheet Search
  English  ▼

X  

IMX27 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # IMX27
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button IMX27 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 76Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 77Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 78Page - Freescale Semiconductor, Inc IMX27 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
75
3.6.9
SDRAM (DDR and SDR) Memory Controller
Figure 37, Figure 38, Figure 39, Figure 40, Figure 41, and Figure 42 depict the timings pertaining to the
ESDCTL module, which interfaces Mobile DDR or SDR SDRAM. Table 36, Table 37, Table 38, Table 39,
Table 40, and Table 41 list the timing parameters.
Figure 37. SDRAM Read Cycle Timing Diagram
Table 36. DDR/SDR SDRAM Read Cycle Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
SD1
SDRAM clock high-level width
tCH
3.4
4.1
ns
SD2
SDRAM clock low-level width
tCL
3.4
4.1
ns
SD3
SDRAM clock cycle time
tCK
7.5
—
ns
SD4
CS, RAS, CAS, WE, DQM, CKE setup time
tCMS
2.0
—
ns
SD5
CS, RAS, CAS, WE, DQM, CKE hold time
tCMH
1.8
—
ns
SDCLK
WE
ADDR
DQ
DQM
COL/BA
Data
CS
CAS
RAS
Note:
CKE is high during the read/write cycle.
SD4
SD1
SD3
SD2
SD4
SD4
SD4
SD4
SD5
SD5
SD5
SD5
SD5
SD6
SD7
SD10
SD8
SD9
SDCLK
ROW/BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com