Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C164CI
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C164CI_02 Datasheet HTML 35Page - Infineon Technologies AG C164CI_02 Datasheet HTML 36Page - Infineon Technologies AG C164CI_02 Datasheet HTML 37Page - Infineon Technologies AG C164CI_02 Datasheet HTML 38Page - Infineon Technologies AG C164CI_02 Datasheet HTML 39Page - Infineon Technologies AG C164CI_02 Datasheet HTML 40Page - Infineon Technologies AG C164CI_02 Datasheet HTML 41Page - Infineon Technologies AG C164CI_02 Datasheet HTML 42Page - Infineon Technologies AG C164CI_02 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 484 page
background image
C164CI/C164SI
Derivatives
Memory Organization
User’s Manual
3-1
V3.1, 2002-02
3
Memory Organization
The memory space of the C164CI is configured in a “Von Neumann” architecture. This
means that code and data are accessed within the same linear address space. All of the
physically separated memory areas, including internal ROM/Flash/OTP (where
integrated), internal RAM, the internal Special Function Register Areas (SFRs and
ESFRs), the address areas for integrated XBUS peripherals and external memory are
mapped into one common address space.
The C164CI provides a total addressable memory space of 16 MBytes. This address
space is arranged as 256 segments of 64 KBytes each, and each segment is again
subdivided into four data pages of 16 KBytes each (see Figure 3-1).
Figure 3-1
Address Space Overview
MCA05077
Begin of
Prog. Memory
above 32 KB
255
128
254...129
127
126...65
64
63
62...12
11
10
9
8
7
6
5
4
3
2
1
0
Internal
ROM
Area
00’0000
H
01’FFFF
H
0A’FFFF
H
40’0000
H
80’0000
H
FF’FFFF
H
Data Page 2
Data Page 3
Alternate
ROM
Area
255...2
02’FFFF
H
08’0000
H
00’0000
H
01’0000
H
01’8000
H
01’FFFF
H
Total Address Space
16 MByte, Segments 255...0
Segments 1 and 0
64 + 64 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com