Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # C164CI
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button C164CI_02 Datasheet HTML 70Page - Infineon Technologies AG C164CI_02 Datasheet HTML 71Page - Infineon Technologies AG C164CI_02 Datasheet HTML 72Page - Infineon Technologies AG C164CI_02 Datasheet HTML 73Page - Infineon Technologies AG C164CI_02 Datasheet HTML 74Page - Infineon Technologies AG C164CI_02 Datasheet HTML 75Page - Infineon Technologies AG C164CI_02 Datasheet HTML 76Page - Infineon Technologies AG C164CI_02 Datasheet HTML 77Page - Infineon Technologies AG C164CI_02 Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 484 page
background image
C164CI/C164SI
Derivatives
Central Processing Unit (CPU)
User’s Manual
4-16
V3.1, 2002-02
Processor Status Word PSW
This bit-addressable register reflects the current state of the microcontroller. Two groups
of bits represent the current ALU status, and the current CPU interrupt status. A separate
bit (USR0) within register PSW is provided as a general purpose user flag.
ALU Status (N, C, V, Z, E, MULIP)
The condition flags (N, C, V, Z, E) within the PSW indicate the ALU status after the most
recently performed ALU operation. They are set by most of the instructions according to
specific rules which depend on the ALU or data movement operation performed by an
instruction.
After execution of an instruction which explicitly updates the PSW register, the condition
flags cannot be interpreted as described below because any explicit write to the PSW
PSW
Program Status Word
SFR (FF10H/88H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
ILVL
IEN
-
-
-
-
USR0 MUL
IP
EZ
V
C
N
rwh
rw
-
-
-
-
rw
rwh
rwh
rwh
rwh
rwh
rwh
Bit
Function
N
Negative Result
Set, when the result of an ALU operation is negative.
CCarry Flag
Set, when the result of an ALU operation produces a carry bit.
V
Overflow Result
Set, when the result of an ALU operation produces an overflow.
Z
Zero Flag
Set, when the result of an ALU operation is zero.
E
End of Table Flag
Set, when the source operand of an instruction is 8000H or 80H.
MULIP
Multiplication/Division In Progress
0: There is no multiplication/division in progress.
1: A multiplication/division has been interrupted.
USR0
User General Purpose Flag
May be used by the application software.
ILVL, IEN
Interrupt Control Fields
Define the response to interrupt requests. (Described in Chapter 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com