Electronic Components Datasheet Search
  English  ▼

X  

C167CS-L Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 4 Page - Infineon Technologies AG

  C167CS-L Datasheet HTML 1Page - Infineon Technologies AG C167CS-L Datasheet HTML 2Page - Infineon Technologies AG C167CS-L Datasheet HTML 3Page - Infineon Technologies AG C167CS-L Datasheet HTML 4Page - Infineon Technologies AG C167CS-L Datasheet HTML 5Page - Infineon Technologies AG C167CS-L Datasheet HTML 6Page - Infineon Technologies AG C167CS-L Datasheet HTML 7Page - Infineon Technologies AG C167CS-L Datasheet HTML 8Page - Infineon Technologies AG C167CS-L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
Controller Area Network (CAN): License of Robert Bosch GmbH
C167CS
Revision History:
2001-08
V2.2
Previous Version:
2000-12
V2.1 (Intermediate version)
2000-06
V2.0
1999-06
1999-03
(Advance Information)
Page
Subjects (major changes from V2.1, 2000-12 to V2.2, 2001-08)
4Figure 2 corrected (pins 98, 99)
25, 27
Figure 5 and Figure 6 updated
50ff
Output voltage/current specification improved
52f
Limit values for
IIDO and IPDR increased due to the usage of a standard
oscillator
54
Figure 10 corrected
57
Figure 12 updated for 40 MHz
59
Clock parameters adjusted
60
TUE note includes P1H
76
Package drawing updated1)
1) New package due to new assembly line. MQFP-144-1 for current deliveries only, will be discontinued.
Page
Subjects (major changes from V2.0, 2000-06 to V2.1, 2000-12)
All
Maximum operating frequency updated to 40 MHz
2
Derivative table updated
52
RSTIN level for
IDD corrected to VIL (was VIL2)
53
Current unit corrected to
µA
56
Input clock range adjusted
60f
Note 5 detailed
64
Parameters
tc10, tc12, tc13, tc14, tc15, tc16, tc17, tc18, tc19 changed
65
Relative bus timing parameters added
70
Parameter
tc25 changed, notes adapted
71
Notes adapted
72
Parameter
tc28 changed
75
Parameters
t42, t43, t44, t46, t47 changed
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com