Electronic Components Datasheet Search
  English  ▼

X  

C167CS-L Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # C167CS-L
Description  16-Bit Single-Chip Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-L Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button C167CS-L Datasheet HTML 64Page - Infineon Technologies AG C167CS-L Datasheet HTML 65Page - Infineon Technologies AG C167CS-L Datasheet HTML 66Page - Infineon Technologies AG C167CS-L Datasheet HTML 67Page - Infineon Technologies AG C167CS-L Datasheet HTML 68Page - Infineon Technologies AG C167CS-L Datasheet HTML 69Page - Infineon Technologies AG C167CS-L Datasheet HTML 70Page - Infineon Technologies AG C167CS-L Datasheet HTML 71Page - Infineon Technologies AG C167CS-L Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
C167CS-4R
C167CS-L
Data Sheet
64
V2.2, 2001-08
Table 17
External Bus Cycle Timing (Operating Conditions apply)
Parameter
Symbol
Limits
Unit
min.
max.
Output delay from CLKOUT falling edge
Valid for: address (MUX on PORT0), write data out
tc10 CC 0
14
ns
Output delay from CLKOUT edge
Valid for: latched CS, ALE (normal)
tc11 CC -3
6
ns
Output delay from CLKOUT edge
Valid for: WR, WRL, WRH, WrCS
tc12 CC -4
7
ns
Output delay from CLKOUT edge
Valid for: RD, RdCS
tc13 CC -2
7
ns
Input setup time to CLKOUT falling edge
Valid for: read data in
tc14 SR 10
–
ns
Input hold time after CLKOUT falling edge
Valid for: read data in1)
tc15 SR 0
–
ns
Output delay from CLKOUT falling edge
Valid for: address (on PORT1 and/or P4), BHE
tc16 CC 0
92)
ns
Output hold time after CLKOUT falling edge
Valid for: address, BHE3)
tc17 CC -2
8
ns
Output hold time after CLKOUT edge4)
Valid for: write data out
tc18 CC -1
–
ns
Output delay from CLKOUT falling edge
Valid for: ALE (extended), early CS
tc19 CC -4
4
ns
Turn off delay after CLKOUT edge4)
Valid for: write data out
tc20 CC –
7ns
Turn on delay after CLKOUT falling edge4)
Valid for: write data out
tc21 CC -5
–
ns
Output hold time after CLKOUT edge
Valid for: early CS
tc22 CC -6
4
ns
1) Read data are latched with the same (internal) clock edge that triggers the address change and the rising edge
of RD. Therefore address changes before the end of RD have no impact on (demultiplexed) read cycles.
2) If the capacitive load on the respective output pins is limited to 30 pF the maximum output delay tc
16 can be
reduced to 8 ns.
3) Due to comparable propagation delays the address does not change before WR goes high. The minimum
output delay (
tc17min) is therefore the actual value of tc12.
4) Not 100% tested, guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com