Electronic Components Datasheet Search
  English  ▼

X  

XC161 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # XC161
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button XC161 Datasheet HTML 26Page - Infineon Technologies AG XC161 Datasheet HTML 27Page - Infineon Technologies AG XC161 Datasheet HTML 28Page - Infineon Technologies AG XC161 Datasheet HTML 29Page - Infineon Technologies AG XC161 Datasheet HTML 30Page - Infineon Technologies AG XC161 Datasheet HTML 31Page - Infineon Technologies AG XC161 Datasheet HTML 32Page - Infineon Technologies AG XC161 Datasheet HTML 33Page - Infineon Technologies AG XC161 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 419 page
background image
XC161 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
User’s Manual
14-16
V2.2, 2004-01
GPT_X1, V2.0
TxCHDIR
14
rwh
Timer Tx Count Direction Change
This bit is set each time the count direction of timer
Tx changes. TxCHDIR must be cleared by SW.
0
No change in count direction was detected
1
A change in count direction was detected
TxEDGE
13
rwh
Timer Tx Edge Detection
The bit is set each time a count edge is detected.
TxEDGE must be cleared by SW.
0
No count edge was detected
1
A count edge was detected
TxIRDIS
12
rw
Timer Tx Interrupt Request Disable
0
Interrupt generation for TxCHDIR and
TxEDGE interrupts in Incremental Interface
Mode is enabled
1
Interrupt generation for TxCHDIR and
TxEDGE interrupts in Incremental Interface
Mode is disabled
TxRC
9rw
Timer Tx Remote Control
0
Timer Tx is controlled by its own run bit TxR
1
Timer Tx is controlled by the run bit T3R of core
timer 3, not by bit TxR
TxUDE
8rw
Timer Tx External Up/Down Enable
0
Input TxEUD is disconnected
1
Direction influenced by input TxEUD
1)
TxUD
7rw
Timer Tx Up/Down Control
1)
TxR
6rw
Timer Tx Run Bit
0Timer Tx stops
1Timer Tx runs
Note: This bit only controls timer Tx if bit TxRC = 0.
TxM
[5:3]
rw
Timer Tx Mode Control (Basic Operating Mode)
000
Timer Mode
001
Counter Mode
010
Gated Timer Mode with gate active low
011
Gated Timer Mode with gate active high
100
Reload Mode
101
Capture Mode
110
Incremental Interface Mode (Rotation Detect.)
111
Incremental Interface Mode (Edge Detection)
Field
Bits
Typ
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com