Electronic Components Datasheet Search
  English  ▼

X  

XC161 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # XC161
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button XC161 Datasheet HTML 17Page - Infineon Technologies AG XC161 Datasheet HTML 18Page - Infineon Technologies AG XC161 Datasheet HTML 19Page - Infineon Technologies AG XC161 Datasheet HTML 20Page - Infineon Technologies AG XC161 Datasheet HTML 21Page - Infineon Technologies AG XC161 Datasheet HTML 22Page - Infineon Technologies AG XC161 Datasheet HTML 23Page - Infineon Technologies AG XC161 Datasheet HTML 24Page - Infineon Technologies AG XC161 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 419 page
background image
XC161 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
User’s Manual
14-7
V2.2, 2004-01
GPT_X1, V2.0
Timer 3 Output Toggle Latch
The overflow/underflow signal of timer T3 is connected to a block named ‘Toggle Latch’,
shown in the timer mode diagrams. Figure 14-3 illustrates the details of this block. An
overflow or underflow of T3 will clock two latches: The first latch represents bit T3OTL in
control register T3CON. The second latch is an internal latch toggled by T3OTL’s output.
Both latch outputs are connected to the input control blocks of the auxiliary timers T2 and
T4. The output level of the shadow latch will match the output level of T3OTL, but is
delayed by one clock cycle. When the T3OTL value changes, this will result in a
temporarily different output level from T3OTL and the shadow latch, which can trigger
the selected count event in T2 and/or T4.
When software writes to T3OTL, both latches are set or cleared simultaneously. In this
case, both signals to the auxiliary timers carry the same level and no edge will be
detected. Bit T3OE (overflow/underflow output enable) in register T3CON enables the
state of T3OTL to be monitored via an external pin T3OUT. When T3OTL is linked to an
external port pin (must be configured as output), T3OUT can be used to control external
HW. If T3OE = 1, pin T3OUT outputs the state of T3OTL. If T3OE = 0, pin T3OUT
outputs a high level (as long as the T3OUT alternate function is selected for the port pin).
The trigger signals can serve as an input for the counter function or as a trigger source
for the reload function of the auxiliary timers T2 and T4.
As can be seen from Figure 14-3, when latch T3OTL is modified by software to
determine the state of the output line, also the internal shadow latch is set or cleared
accordingly. Therefore, no trigger condition is detected by T2/T4 in this case.
Figure 14-3
Block Diagram of the Toggle Latch Logic of Core Timer T3
m c_gpt0106_o tl.vsd
Togg le Latch Log ic
TxO U T
S e t/C le ar (S W )
Core T im e r
O verflow /
Un de rflo w
Shadow
Latch
1
0
1
Tx O E
TxO TL
To P ort Logic
To A ux. Tim e r
In pu t L o gic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com