Electronic Components Datasheet Search
  English  ▼

X  

DS5000FP Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 6Page - Dallas Semiconductor DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor DS5000FP Datasheet HTML 10Page - Dallas Semiconductor DS5000FP Datasheet HTML 11Page - Dallas Semiconductor DS5000FP Datasheet HTML 12Page - Dallas Semiconductor DS5000FP Datasheet HTML 13Page - Dallas Semiconductor DS5000FP Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS5000FP
10 of 22
DC CHARACTERISTICS
(TA = 0
°C to +70°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Low Voltage
VIL
-0.3
0.8
V
1
Input High Voltage
VIH1
2.0
VCC+0.3
V
1
Input High Voltage RST, XTAL1
VIH2
3.5
VCC+0.3
V
1
Output Low Voltage
@ IOL=1.6mA (Ports 1, 2, 3)
VOL1
0.15
0.45
V
Output Low Voltage
@ IOL=3.2mA (Ports 0, ALE,
PSEN
, BA14-0, BD7-0, R/ W ,
CE
1-2)
VOL2
0.15
0.45
V
1
Output High Voltage
@ IOH= -80
mA (Ports 1, 2, 3)
VOH1
2.4
4.8
V
1
Output High Voltage
@ IOH=-400
mA (Ports 0, ALE,
PSEN
, BA14-0, BD7-0, R/ W ,
CE
1-2)
VOH2
2.4
4.8
V
1
Input Low Current VIN = 0.45V
(Ports 1, 2, 3)
IIL
-50
mA
Transition Current; 1 to 0
VIN = 2.0V (Ports 1, 2, 3)
ITL
-500
mA
Input Leakage Current
0.45 < VIN < VCC (Port 0)
IL
±10
mA
RST, EA Pulldown Resistor
RRE
40
125
k
W
Stop Mode Current
ISM
80
mA
4
Power-Fail Warning Voltage
VPFW
4.15
4.6
4.75
V
1, 6
Minimum Operating Voltage
VCCmin
4.05
4.5
4.65
V
1, 6
Lithium Supply Voltage
VLI
2.9
3.3
V
1
Programming Supply Voltage
(Parallel Program Mode)
VPP
12.5
13
V
1
Program Supply Current
IPP
15
20
mA
Operating Current @ 16MHz
ICC
36
mA
2
Idle Mode Current @ 12MHz
IIDLE
6.2
mA
3
Output Supply Voltage
VCCO1
VCC-0.3
V
1
Output Supply Voltage
(Battery-Backed Mode)
VCCO2
VLI-0.65 VLI-0.5
V
8
Output Supply Current
@ VCCO = VCC-0.3V
ICCO1
80
mA
2
Battery-Backed Quiescent Current
ILI
575
nA
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com