Electronic Components Datasheet Search
  English  ▼

X  

DS5000FP Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor DS5000FP Datasheet HTML 10Page - Dallas Semiconductor DS5000FP Datasheet HTML 11Page - Dallas Semiconductor DS5000FP Datasheet HTML 12Page - Dallas Semiconductor DS5000FP Datasheet HTML 13Page - Dallas Semiconductor DS5000FP Datasheet HTML 14Page - Dallas Semiconductor DS5000FP Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS5000FP
11 of 22
AC CHARACTERISTICS: EXPANDED
BUS MODE TIMING SPECIFICATIONS
(TA = 0
°C to +70°C; VCC = 5V ± 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
1
Oscillator Frequency
1/tCLK
1.0
16
MHz
2
ALE Pulse Width
tALPW
2tCLK -40
ns
3
Address Valid to ALE Low
tAVALL
tCLK -40
ns
4
Address Hold After ALE Low
tAVAAV
tCLK -35
ns
5
ALE Low to Valid Instr. In
@ 12MHz
@ 16MHz
tALLVI
4tCLK -150
4tCLK -90
ns
ns
6
ALE Low to PSEN Low
tALLPSL
tCLK -25
ns
7
PSEN
Pulse Width
tPSPW
3tCLK -35
ns
8
PSEN
Low to Valid Instr. In
@ 12 MHz
@ 16 MHz
tPSLVI
3tCLK -150
3tCLK -90
ns
ns
9
Input Instr. Hold after PSEN Going High
tPSIV
0ns
10 Input Instr. Float after PSEN Going High
tPSIX
tCLK -20
ns
11 Address Hold after PSEN Going High
tPSAV
tCLK -8
ns
12 Address Valid to Valid Instr. In @ 12MHz
@ 16MHz
tAVVI
5tCLK -150
5tCLK -90
ns
ns
13
PSEN
Low to Address Float
tPSLAZ
0ns
14
RD
Pulse Width
tRDPW
6tCLK -100
ns
15
WR
Pulse Width
tWRPW
6tCLK -100
ns
16
RD
Low to Valid Data In
@ 12MHz
@ 16MHz
tRDLDV
5tCLK -165
5tCLK -105
ns
ns
17 Data Hold after RD High
tRDHDV
0ns
18 Data Float after RD High
tRDHDZ
2tCLK -70
ns
19 ALE Low to Valid Data In
@ 12MHz
@ 16MHz
tALLVD
8CLK -150
8tCLK -90
ns
ns
20 Valid Addr. to Valid Data In
@ 12 MHz
@ 16 MHz
tAVDV
9tCLK -165
9tCLK -105
ns
ns
21 ALE Low to RD or WR Low
tALLRDL
3tCLK -50
3tCLK +50
ns
22 Address Valid to RD or WR Low
tAVRDL
4tCLK -130
ns
23 Data Valid to WR Going Low
tDVWRL
tCLK -60
ns
24 Data Valid to WR High
@ 12MHz
@ 16MHz
tDVWRH
7tCLK -150
7tCLK -90
ns
ns
25 Data Valid after WR High
tWRHDV
tCLK -50
ns
26
RD
Low to Address Float
tRDLAZ
0ns
27
RD
or WR High to ALE High
tRDHALH
tCLK -40
tCLK +50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com