Electronic Components Datasheet Search
  English  ▼

X  

DS5000FP Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS5000FP Datasheet HTML 14Page - Dallas Semiconductor DS5000FP Datasheet HTML 15Page - Dallas Semiconductor DS5000FP Datasheet HTML 16Page - Dallas Semiconductor DS5000FP Datasheet HTML 17Page - Dallas Semiconductor DS5000FP Datasheet HTML 18Page - Dallas Semiconductor DS5000FP Datasheet HTML 19Page - Dallas Semiconductor DS5000FP Datasheet HTML 20Page - Dallas Semiconductor DS5000FP Datasheet HTML 21Page - Dallas Semiconductor DS5000FP Datasheet HTML 22Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
DS5000FP
18 of 22
BYTE-WIDE ADDRESS/DATA BUS TIMING
AC CHARACTERISTICS
(TA = 0
°C to +70°C; VCC = 5V ± 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
56 Delay to Embedded Address Valid from CE1
Low During Opcode Fetch
tCE1LPA
20
ns
57
CE1
or CE2 Pulse Width
tCEPW
4tCLK-15
ns
58 Embedded Address Hold after CE1 High
During Opcode Fetch
tCE1HPA
2tCLK-20
ns
59 Embedded Data Setup to CE1 High During
Opcode Fetch
tOVCE1H
1tCLK+40
ns
60 Embedded Data Hold after CE1 High During
Opcode Fetch
tCE1HOV
10
ns
61 Embedded Address Hold after CE1 or CE2
High During MOVX
tCEHDA
4tCLK-30
ns
62 Delay from Embedded Address Valid to CE1
or CE2 Low During MOVX
tCELDA
4tCLK-25
ns
63 Embedded Data Hold Setup to CE1 or CE2
High During MOVX (read)
tDACEH
1tCLK+40
ns
64 Embedded Data Hold after CE1 or CE2 High
During MOVX (read)
tCEHDV
10
ns
65 Embedded Address Valid to R/ W Active
During MOVX (write)
tAVRWL
3tCLK-35
ns
66 Delay from R/ W Low to Valid Data Out
During MOVX (write)
tRWLDV
20
ns
67 Valid Data Out Hold Time from CE1 or CE2
High
tCEHDV
1tCLK-15
ns
68 Valid Data Out Hold Time from R/ W High
tRWHDV
0ns
69 Write Pulse Width (R/ W low time)
tRWLPW
6tCLK-20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com