Electronic Components Datasheet Search
  English  ▼

X  

DS5000 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS5000 Datasheet HTML 5Page - Dallas Semiconductor DS5000 Datasheet HTML 6Page - Dallas Semiconductor DS5000 Datasheet HTML 7Page - Dallas Semiconductor DS5000 Datasheet HTML 8Page - Dallas Semiconductor DS5000 Datasheet HTML 9Page - Dallas Semiconductor DS5000 Datasheet HTML 10Page - Dallas Semiconductor DS5000 Datasheet HTML 11Page - Dallas Semiconductor DS5000 Datasheet HTML 12Page - Dallas Semiconductor DS5000 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DS5000(T)
021998 9/19
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–40
°C to +70°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
DC CHARACTERISTICS
(tA = 0°C to70°C; VCC = 5V + 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Low Voltage
VIL
–0.3
0.8
V
1
Input High Voltage
VIH1
2.0
VCC +0.3
V
1
Input High Voltage RST, XTAL1
VIH2
3.5
VCC +0.3
V
1
Output Low Voltage @ IOL=1.6 mA
(Ports 1, 2, 3)
VOL1
0.15
0.45
V
Output Low Voltage @ IOL=3.2 mA
(Ports 0, ALE, PSEN)
VOL2
0.15
0.45
V
1
Output High Voltage @ IOH=–80 µA
(Ports 1, 2, 3)
VOH1
2.4
4.8
V
1
Output High Voltage @ IOH=–400 µA
(Ports 0, ALE, PSEN)
VOH2
2.4
4.8
V
1
Input Low Current VIN = 0.45V (Ports
1, 2, 3)
IIL
–50
µA
Transition Current; 1 to 0
VIN = 2.0V (Ports 1, 2, 3)
ITL
–500
µA
Input Leakage Current
0.45 < VIN < VCC (Port 0)
IL
+10
µA
RST, EA Pulldown Resistor
RRE
40
125
K
Ω
Stop Mode Current
ISM
80
µA
4
Power–Fail Warning Voltage
VPFW
4.15
4.6
4.75
V
1
Minimum Operating Voltage
VCCmin
4.05
4.5
4.65
V
1
Programming Supply Voltage
(Parallel Program Mode)
VPP
12.5
13
V
1
Program Supply Current
IPP
15
20
mA
Operating Current DS5000–8K@8 MHz
DS5000–32K @ 12 MHz
DS5000T–32–16 @ 16 MHz
ICC
25.2
35.7
45.6
43
48
54
mA
2
Idle Mode Current @ 12 MHz
ICC
4.5
6.2
mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com