Electronic Components Datasheet Search
  English  ▼

X  

DS5000 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS5000 Datasheet HTML 1Page - Dallas Semiconductor DS5000 Datasheet HTML 2Page - Dallas Semiconductor DS5000 Datasheet HTML 3Page - Dallas Semiconductor DS5000 Datasheet HTML 4Page - Dallas Semiconductor DS5000 Datasheet HTML 5Page - Dallas Semiconductor DS5000 Datasheet HTML 6Page - Dallas Semiconductor DS5000 Datasheet HTML 7Page - Dallas Semiconductor DS5000 Datasheet HTML 8Page - Dallas Semiconductor DS5000 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DS5000(T)
Soft Microcontroller Module
DS5000(T)
021998 1/19
FEATURES
• 8–bit8051compatibleMicrocontrolleradaptstotask–
at–hand:
– 8 or 32K bytes of nonvolatile RAM for program
and/or data memory storage
– Initial downloading of software in end system
via on–chip serial port
– Capable of modifying its own program and/or
data memory in end use
• Crashproof operation:
– Maintains all nonvolatile resources for 10 years
in the absence of VCC
– Power–fail reset
– Early warning power–fail interrupt
– Watchdog timer
• Software Security Feature:
– Executes encrypted software to prevent unau-
thorized disclosure
• On–chip, full–duplex serial I/O ports
• Two on–chip timer/event counters
• 32 parallel I/O lines
• Compatible with industry standard 8051 instruction
set and pinout
• Optional Permanently Powered Real–Time Clock
(DS5000T)
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
40–PIN ENCAPSULATED PACKAGE
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RST
RXD P3.0
TXD P3.1
INT0 P3.2
INT1 P3.3
T0 P3.4
T1 P3.5
WR P3.6
RD P3.7
XTAL2
XTAL1
GND
VCC
P0.0 AD0
P0.1 AD1
P0.2 AD2
P0.3 AD3
P0.4 AD4
P0.5 AD5
P0.6 AD6
P0.7 AD7
EA
ALE
PSEN
P2.7 A15
P2.6 A14
P2.5 A13
P2.4 A12
P2.3 A11
P2.2 A10
P2.1 A9
P2.0 A8
DESCRIPTION
The DS5000(T) Soft Microcontroller Module is a fully
8051 compatible 8–bit CMOS microcontroller that offers
“softness” in all aspects of its application. This is ac-
complished through the comprehensive use of nonvola-
tile technology to preserve all information in the ab-
sence of system VCC.
The internal program/data
memory space is implemented using either 8K or
32K bytes of nonvolatile CMOS SRAM. Furthermore,
internal data registers and key configuration registers
are also nonvolatile. An optional real time clock gives
permanently powered timekeeping. The clock keeps
time to a hundredth of a second using an on–board
crystal.


Similar Part No. - DS5000

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
937Kb / 18P
Soft Microcontroller
DS5000 DALLAS-DS5000 Datasheet
378Kb / 19P
Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000-32-12 DALLAS-DS5000-32-12 Datasheet
937Kb / 18P
Soft Microcontroller
More results

Similar Description - DS5000

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
Soft Microcontroller Module
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
Soft Microcontroller Module
DS2250 DALLAS-DS2250_1 Datasheet
120Kb / 19P
Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
128k Soft Microcontroller Module
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
Soft Microcontroller Module
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
Soft Microcontroller Module
REV: 070706
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
Soft Microcontroller Module
REV: 070706
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
Soft Microcontroller Module
REV: 061306
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com