Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 11Page - Dallas Semiconductor DS5002FP Datasheet HTML 12Page - Dallas Semiconductor DS5002FP Datasheet HTML 13Page - Dallas Semiconductor DS5002FP Datasheet HTML 14Page - Dallas Semiconductor DS5002FP Datasheet HTML 15Page - Dallas Semiconductor DS5002FP Datasheet HTML 16Page - Dallas Semiconductor DS5002FP Datasheet HTML 17Page - Dallas Semiconductor DS5002FP Datasheet HTML 18Page - Dallas Semiconductor DS5002FP Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DS5002FP
15 of 29
DS5002FP CONNECTION TO 64K X 8 SRAM Figure 7
POWER MANAGEMENT
The DS5002FP monitors VCC to provide power-fail reset, early warning power-fail interrupt, and switch
over to lithium backup. It uses an internal band-gap reference in determining the switch points. These are
called VPFW, VCCMIN, and VLI respectively. When VCC drops below VPFW, the DS5002FP will perform an
interrupt vector to location 2Bh if the power-fail warning was enabled. Full processor operation continues
regardless. When power falls further to VCCMIN, the DS5002FP invokes a reset state. No further code
execution will be performed unless power rises back above VCCMIN. All decoded chip enables and the
R/ W signal go to an inactive (logic 1) state. VCC is still the power source at this time. When VCC drops
further to below VLI, internal circuitry will switch to the lithium cell for power. The majority of internal
circuits will be disabled and the remaining nonvolatile states will be retained. Any devices connected
VCCO will be powered by the lithium cell at this time. VCCO will be at the lithium battery voltage less a
diode drop. This drop will vary depending on the load. Low-power SRAMs should be used for this
reason. When using the DS5002FP, the user must select the appropriate battery to match the RAM data
retention current and the desired backup lifetime. Note that the lithium cell is only loaded when VCC <
VLI. The User’s Guide has more information on this topic. The trip points VCCMIN and VPFW are listed in
the electrical specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com