Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 21Page - Dallas Semiconductor DS5002FP Datasheet HTML 22Page - Dallas Semiconductor DS5002FP Datasheet HTML 23Page - Dallas Semiconductor DS5002FP Datasheet HTML 24Page - Dallas Semiconductor DS5002FP Datasheet HTML 25Page - Dallas Semiconductor DS5002FP Datasheet HTML 26Page - Dallas Semiconductor DS5002FP Datasheet HTML 27Page - Dallas Semiconductor DS5002FP Datasheet HTML 28Page - Dallas Semiconductor DS5002FP Datasheet HTML 29Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
DS5002FP
27 of 29
NOTES:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
1.
All voltages are referenced to ground.
2.
Maximum operating ICC is measured with all output pins disconnected; XTAL1 driven with tCLKR,
tCLKF=10 ns, VIL = 0.5V; XTAL2 disconnected; RST = PORT0 = VCC, MSEL = VSS.
3.
Idle mode IIDLE is measured with all output pins disconnected; XTAL1 driven with tCLKR, tCLKF =
10 ns, VIL = 0.5V; XTAL2 disconnected; PORT0 = VCC, RST = MSEL = VSS.
4.
Stop mode ISTOP is measured with all output pins disconnected; PORT0 = VCC; XTAL2 not
connected; RST = MSEL = XTAL1 = VSS.
5.
Pin capacitance is measured with a test frequency - 1 MHz, tA = 25°C.
6.
ICCO1 is the maximum average operating current that can be drawn from VCCO in normal operation.
7.
ILI is the current drawn from VLI input when VCC = 0V and VCCO is disconnected. Battery-backed
mode: 2.5V
£ VBAT £ 4.0; VCC £ VBAT; VSDI should be £ VILS for IBAT max.
8.
VCCO2 is measured with VCC < VLI, and a maximum load of 10 µA on VCCO.
9.
Crystal start-up time is the time required to get the mass of the crystal into vibrational motion
from the time that power is first applied to the circuit until the first clock pulse is produced by the
on-chip oscillator. The user should check with the crystal vendor for a worst case specification on
this time.
10.
SDI is deglitched to prevent accidental destruction. The pulse must be longer than tSPR to pass the
deglitcher, but SDI is not guaranteed unless it is longer than tSPA.
11.
VIHS minimum is 2.0V or VCCO, whichever is lower.
12.
This parameter applies to industrial temperature operation.
13.
PF
pin operation is specified with VBAT
³ 3.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com