Electronic Components Datasheet Search
  English  ▼

X  

DS5002FP Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS5002FP Datasheet HTML 1Page - Dallas Semiconductor DS5002FP Datasheet HTML 2Page - Dallas Semiconductor DS5002FP Datasheet HTML 3Page - Dallas Semiconductor DS5002FP Datasheet HTML 4Page - Dallas Semiconductor DS5002FP Datasheet HTML 5Page - Dallas Semiconductor DS5002FP Datasheet HTML 6Page - Dallas Semiconductor DS5002FP Datasheet HTML 7Page - Dallas Semiconductor DS5002FP Datasheet HTML 8Page - Dallas Semiconductor DS5002FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
DS5002FP
4 of 29
PIN DESCRIPTION
PIN
DESCRIPTION
11, 9, 7, 5, 1,
79, 77, 75
P0.0 - P0.7. General purpose I/O Port 0. This port is open-drain and can not drive a logic 1. It requires
external pullups. Port 0 is also the multiplexed expanded address/data bus. When used in this mode, it
does not require pullups.
15, 17, 19, 21,
25, 27, 29, 31
P1.0 - P1.7. General purpose I/O Port 1.
49, 50, 51, 56,
58, 60, 64, 66
P2.0 - P2.7. General purpose I/O Port 2. Also serves as the MSB of the expanded address bus.
36
P3.0 RXD. General purpose I/O port pin 3.0. Also serves as the receive signal for the on board UART.
This pin should NOT be connected directly to a PC COM port.
38
P3.1 TXD. General purpose I/O port pin 3.1. Also serves as the transmit signal for the on board UART.
This pin should NOT be connected directly to a PC COM port.
39
P3.2 INT0 . General purpose I/O port pin 3.2. Also serves as the active low External Interrupt 0.
40
P3.3 INT1 . General purpose I/O port pin 3.3. Also serves as the active low External Interrupt 1.
41
P3.4 T0. General purpose I/O port pin 3.4. Also serves as the Timer 0 input.
44
P3.5 T1. General purpose I/O port pin 3.5. Also serves as the Timer 1 input.
45
P3.6 WR . General purpose I/O port pin. Also serves as the write strobe for Expanded bus operation.
46
P3.7 RD . General purpose I/O port pin. Also serves as the read strobe for Expanded bus operation.
34
RST - Active high reset input. A logic 1 applied to this pin will activate a reset state. This pin is pulled
down internally so this pin can be left unconnected if not used. An RC power-on reset circuit is not
needed and is NOT recommended.
70
ALE - Address Latch Enable. Used to de-multiplex the multiplexed expanded address/data bus on port 0.
This pin is normally connected to the clock input on a ’373 type transparent latch.
47, 48
XTAL2, XTAL1. Used to connect an external crystal to the internal oscillator. XTAL1 is the input to an
inverting amplifier and XTAL2 is the output.
52
GND - Logic ground.
13
VCC - +5V
12
VCCO - VCC Output. This is switched between VCC and VLI by internal circuits based on the level of VCC.
When power is above the lithium input, power will be drawn from VCC. The lithium cell remains isolated
from a load. When VCC is below VLI, the VCCO switches to the VLI source. VCCO should be connected to
the VCC pin of an SRAM.
54
VLI - Lithium Voltage Input. Connect to a lithium cell greater than VLImin and no greater than VLimax as
shown in the electrical specifications. Nominal value is +3V.
16, 8, 18, 80,
76, 4, 6, 20,
24, 26, 28, 30,
33, 35, 37
BA14 - 0. Byte-wide address bus bits 14-0. This bus is combined with the non–multiplexed data bus
(BD7-0) to access NVSRAM. Decoding is performed using CE1 through CE4 . Therefore, BA15 is not
actually needed. Read/write access is controlled by R/ W . BA14-0 connect directly to an 8k, 32k, or 128k
SRAM. If an 8k RAM is used, BA13 and BA14 will be unconnected. If a 128k SRAM is used, the micro
converts CE2 and CE3 to serve as A16 and A15 respectively.
71, 69, 67, 65,
61, 59, 57, 55
BD7 - 0. Byte-wide Data bus bits 7-0. This 8-bit bi-directional bus is combined with the non-multiplexed
address bus (BA14-0) to access NV SRAM. Decoding is performed on CE1 and CE2 . Read/write access
is controlled by R/ W . BD7-0 connect directly to an SRAM, and optionally to a real-time clock or other
peripheral.
10
R/ W - Read/Write. This signal provides the write enable to the SRAMs on the byte-wide bus. It is
controlled by the memory map and partition. The blocks selected as program (ROM) will be write-
protected.
74
CE1
- Chip Enable 1. This is the primary decoded chip enable for memory access on the byte-wide bus. It
connects to the chip enable input of one SRAM. CE1 is lithium-backed. It will remain in a logic high
inactive state when VCC falls below VLI.
2
CE2
- Chip Enable 2. This chip enable is provided to access a second 32k block of memory. It connects
to the chip enable input of one SRAM. When MSEL=0, the micro converts CE2 into A16 for a 128k x 8
SRAM. CE2 is lithium-backed and will remain at a logic high when VCC falls below VLI.
PIN
DESCRIPTION
63
CE3
- Chip Enable 3. This chip enable is provided to access a third 32k block of memory. It connects to
the chip enable input of one SRAM. When MSEL=0, the micro converts CE3 into A15 for a 128k x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com