Electronic Components Datasheet Search
  English  ▼

X  

AD7492 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7492
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7492 Datasheet HTML 7Page - Analog Devices AD7492 Datasheet HTML 8Page - Analog Devices AD7492 Datasheet HTML 9Page - Analog Devices AD7492 Datasheet HTML 10Page - Analog Devices AD7492 Datasheet HTML 11Page - Analog Devices AD7492 Datasheet HTML 12Page - Analog Devices AD7492 Datasheet HTML 13Page - Analog Devices AD7492 Datasheet HTML 14Page - Analog Devices AD7492 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD7492
–11–
t2
tCONVERT
t3
t4
t8
t5
t6
t7
t9
t10
BUSY
CS
RD
DBx
CONVST
Figure 9. Parallel Port Timing
t2
tCONVERT
t9
CONVST
BUSY
DBx
DATA N
DATA N+1
Figure 10. Parallel Port Timing with
CS and RD Tied Low
this mode a new conversion should not be initiated until 140 ns
after BUSY goes low. This acquisition time allows the track/hold
circuit to accurately acquire the input signal. As mentioned
earlier, a read should not be done during a conversion. This
mode facilitates the fastest throughput times for the AD7492.
Mode 2 (Partial or Full Sleep Mode)
Figure 11 shows AD7492 in Mode 2 operation where the ADC
goes into either partial or full sleep mode after conversion. The
CONVST line is brought low to initiate a conversion and remains
low until after the end of conversion. If
CONVST goes high and
low again while BUSY is high, the conversion is restarted. Once
the BUSY line goes from a high to a low, the
CONVST line has its
status checked and, if low, the part enters a sleep mode. The
type of sleep mode the AD7492 enters depends on what ever
way the PS/
FS pin is hardwired. If the PS/FS pin is tied high,
the AD7492 will enter partial sleep mode. If the PS/
FS pin is
tied low, the AD7492 will enter full sleep mode.
The device wakes up again on the rising edge of the
CONVST
signal. From partial sleep the AD7492 is capable of starting
conversions typically 1
µs after the rising edge of CONVST. The
CONVST line can go from a high to a low during the wake-up
time, but the conversion will still not be initiated until after 1
µs.
We recommend that conversion should not be initiated until at
least 20
µs of the wake-up time has elapsed. This will ensure that
the AD7492 has stabilized to within 0.5 LSB of the analog input
value. After 1
µs, the AD7492 will have only stabilized to within
approximately 3 LSB of the input value. From full sleep this wake-
up time is typically 500
µs. In all cases the BUSY line will only go
high once
CONVST goes low. Superior power performance can
be achieved in these modes of operation by waking up the
AD7492 only to carry out a conversion. The optimum power
performance is obtained when using full sleep mode as the ADC
comparator, Reference buffer and Reference circuit is powered
down. While in partial sleep mode, only the ADC comparator is
powered down and the reference buffer is put into a low power
mode. The 100 nF capacitor on the REF OUT pin is kept charged
up by the reference buffer in partial sleep mode while in full
sleep mode this capacitor slowly discharges. This explains why
the wake-up time is shorter in partial sleep mode. In both sleep
modes the clock oscillator circuit is powered down.
CONVST
BUSY
CS
RD
DBx
tWAKEUP
tCONVERT
Figure 11. Mode 2 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com