Electronic Components Datasheet Search
  English  ▼

X  

AD7492 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7492
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492 Datasheet(HTML) 2 Page - Analog Devices

  AD7492 Datasheet HTML 1Page - Analog Devices AD7492 Datasheet HTML 2Page - Analog Devices AD7492 Datasheet HTML 3Page - Analog Devices AD7492 Datasheet HTML 4Page - Analog Devices AD7492 Datasheet HTML 5Page - Analog Devices AD7492 Datasheet HTML 6Page - Analog Devices AD7492 Datasheet HTML 7Page - Analog Devices AD7492 Datasheet HTML 8Page - Analog Devices AD7492 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fS = 1.25 MSPS
Signal to Noise + Distortion (SINAD)
69
69
dB typ
fIN = 500 kHz Sine Wave
68
68
dB min
fIN = 100 kHz Sine Wave
Signal-to-Noise Ratio (SNR)
70
70
dB typ
fIN = 500 kHz Sine Wave
68
68
dB min
fIN = 100 kHz Sine Wave
Total Harmonic Distortion (THD)
–83
–83
dB typ
fIN = 500 kHz Sine Wave
–87
–87
dB typ
fIN = 100 kHz Sine Wave
–75
–75
dB max
fIN = 100 kHz Sine Wave
Peak Harmonic or Spurious Noise (SFDR)
–83
–83
dB typ
fIN = 500 kHz Sine Wave
–90
–90
dB typ
fIN = 100 kHz Sine Wave
–76
–76
dB max
fIN = 100 kHz Sine Wave
Intermodulation Distortion (IMD)
Second Order Terms
–82
–82
dB typ
fIN = 500 kHz Sine Wave
–90
–90
dB typ
fIN = 100 kHz Sine Wave
Third Order Terms
–71
–71
dB typ
fIN = 500 kHz Sine Wave
–88
–88
dB typ
fIN = 100 kHz Sine Wave
Aperture Delay
5
5
ns typ
Aperture Jitter
15
15
ps typ
Full Power Bandwidth
10
10
MHz typ
DC ACCURACY
fS = 1.25 MSPS
Resolution
12
12
Bits
Integral Nonlinearity
±1.5
±1.25
LSB max
Differential Nonlinearity
+1.5/–0.9
+1.5/–0.9
LSB max
Guaranteed No Missed Codes to
12 Bits (A and B Version)
Offset Error
±9
±9
LSB max
Gain Error
±2.5
±2.5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to 2.5
0 to 2.5
V
DC Leakage Current
±1
±1
µA max
Input Capacitance
33
33
pF typ
REFERENCE OUTPUT
REF OUT Output Voltage Range
2.5
2.5
V
±1.5% for Specified Performance
LOGIC INPUTS
Input High Voltage, VINH
2
VDRIVE
× 0.7
VDRIVE
× 0.7
V min
VDD = 5 V
± 5%
Input Low Voltage, VINL
2
VDRIVE
× 0.3
VDRIVE
× 0.3
V max
VDD = 5 V
± 5%
Input Current, IIN
±1
±1
µA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN
3
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
VDRIVE – 0.2
V min
ISOURCE = 200
µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200
µA
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance
10
10
pF max
Output Coding
Straight (Natural) Binary
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
680
680
ns max
Track/Hold Acquisition Time
120
120
ns min
Throughput Rate
1.25
1.25
MSPS max
Conversion Time + Acquisition Time
POWER REQUIREMENTS
VDD
4.75/5.25
4.75/5.25
V min/max
IDD
Digital I/Ps = 0 V or DVDD.
Normal Mode
3.3
3.3
mA max
fS = 1.25 MSPS, Typ 2.75 mA
Quiescent Current
1.8
1.8
mA max
Partial Sleep Mode
250
250
µA max
Static. Typ 190
µA
Full Sleep Mode
1
1
µA max
Static. Typ 200 nA
Power Dissipation4
Digital I/Ps = 0 V or DVDD
Normal Mode
16.5
16.5
mW max
Partial Sleep Mode
1.25
1.25
mW max
Full Sleep Mode
5
5
µW max
NOTES
1Temperature ranges as follows: A and B Versions: –40
°C to +85°C.
2V
INH and VINL trigger levels are set by the VDRIVE voltage. The logic interface circuitry is powered by VDRIVE.
3Sample tested @ 25
°C to ensure compliance.
4See Power vs. Throughput Rate section.
Specifications subject to change without notice.
AD7492-5–SPECIFICATIONS1(V
DD = 4.75 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.)
AD7492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com