Electronic Components Datasheet Search
  English  ▼

X  

L6452 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics L6452 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical specifications
L6452
8/22
3
Electrical specifications
3.1
Absolute maximum ratings
Table 2.
Absolute maximum ratings
3.2
DC Electrical characteristics
Symbol
Parameter
Value
Unit
Vc
Power line supply voltage
14
V
Vr
Address line supply voltage
14
V
Va
Analog supply voltage
14
V
Vdd
Logic supply voltage
6
V
Vstep_up
Driving voltage of power DMOS stage
28
V
ESD
In accordance with IEC 1000-4-2 (1)
(1) All the pins connected to the pen passed ESD Contact Electrostatic Discharge @ ±4kV (150pF, 330Ohm source).
±4
kV
Vin
Logic input voltage range
-0.3 to Vdd + 0.3
V
Iout
Output continuous current
0.5
A
Tj
Junction temperature
150
°C
Tamb
Operating temperature range
0 to 70
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 3.
DC Electrical characteristics (Tj = 25°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vc
Power Line Supply voltage
(1)
10.5
(2)
11.5
12.5
V
Vr
Address line supply voltage
(1)
10.5
11.5
12.5
V
Va
Analog supply voltage
(1)
10.5
11.5
12.5
V
Vdd
Logic supply voltage
4.5
5
5.5
V
Ics
Vc sleep supply current
OnEnable = 1 Reset = 0
1
mA
Irs
Vr sleep supply current
0.3
mA
Ias
Va sleep supply current
3
mA
Ic
Vc supply current
1.5
mA
Ir
Vr supply current
0.6
mA
Ia
Va supply current
IRext= 3mA
13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com