Electronic Components Datasheet Search
  English  ▼

X  

L6452 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics L6452 Datasheet HTML 12Page - STMicroelectronics L6452 Datasheet HTML 13Page - STMicroelectronics L6452 Datasheet HTML 14Page - STMicroelectronics L6452 Datasheet HTML 15Page - STMicroelectronics L6452 Datasheet HTML 16Page - STMicroelectronics L6452 Datasheet HTML 17Page - STMicroelectronics L6452 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Print Head Temperature Control Part
L6452
14/22
4
Print Head Temperature Control Part
4.1
Introduction
For quality printing, it is necessary to know and control the temperature of the print head. Thus,
the latter has a built - in aluminium resistor, whose value changes slightly with the temperature.
The temperature determination is done by injecting a constant current in the resistor, and
measuring the voltage drop across it. Since high - end printers have two heads, it must also be
possible to switch quickly the measurement process from one to the other. The function is
foreseen to be integrated into the head driver, and is described hereafter.
4.2
Print Head Block Diagram (Figure 5.)
At first we have a constant current source, which can be disabled by an external pin (OnEnable)
or by a control register, described later. The value of the current can be programmed by an
external resistor, and is given by:
This current is injected either into the resistor of the head A (Ralu. A) or B (Ralu. B), depending
of the switch SW3. The resistors are grounded, and the voltage at their << hot >> side (Vx) is
re-entered via the pins VxA and VxB. Using separate pins from RxA and RxB permits to be
more flexible, and a filter can eventually be added as shown in the drawing.
The voltage Vx is amplified by A1 and A2, and then converted in a digital value. To be
compatible with the input range of the A/D converter, it is necessary to subtract an offset
voltage Voffset from Vx. Moreover, as the initial value of the aluminum resistor is very
imprecise. Voffset must be adjustable; this is done by means of a 5 bit - D/A converter, giving 32
different values. Finally, the voltage at the input of the A/D converter is:
VCH0 = g1 · g2 · VX - g2 × VOFFSET
or
VCH0 = g1 · g2 · Ralu · ICCS - g2 · VOFFSET;
VOFFSET = VREF/2 + N · VREF/32 N = 0, 1, ...31
The reference voltage generator (VREF) is integrated, and used for the current source and both
the A/D and D/A converters. In this way, the system performance is independent from the
precision of VREF; this one should, however, be stable. Vref is also available on pin #45, and
can be used for low consumption purposes. (The external sinked current has to be a DC
current).
The system is under control of a 10 bit register, CR. CR is accessed serially and has a
transparent latch, which can be used or not (by trying the latch signal CR latch to VCC).
I
CCS
V
ref 4
⋅
2R
ext
⋅
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com