Electronic Components Datasheet Search
  English  ▼

X  

L6452 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6452
Description  Dual 13x16 Matrix Head Ink Jet Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 14Page - STMicroelectronics L6452 Datasheet HTML 15Page - STMicroelectronics L6452 Datasheet HTML 16Page - STMicroelectronics L6452 Datasheet HTML 17Page - STMicroelectronics L6452 Datasheet HTML 18Page - STMicroelectronics L6452 Datasheet HTML 19Page - STMicroelectronics L6452 Datasheet HTML 20Page - STMicroelectronics L6452 Datasheet HTML 21Page - STMicroelectronics L6452 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package information
L6452
20/22
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 16. PQFP100 Mechanical Data & Package Dimensions
PQFP100
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.40
0.134
A1
0.25
0.010
A2
2.55
2.80
3.05
0.100
0.110
0.120
B
0.22
0.38
0.0087
0.015
C
0.13
0.23
0.005
0.009
D
22.95
23.20
23.45
0.903
0.913
0.923
D1
19.90
20.00
20.10
0.783
0.787
0.791
D3
18.85
0.742
e
0.65
0.026
E
16.95
17.20
17.45
0.667
0.677
0.687
E1
13.90
14.00
14.10
0.547
0.551
0.555
E3
12.35
0.486
L
0.65
0.80
0.95
0.026
0.031
0.037
L1
1.60
0.063
K
0°(min.), 7°(max.)
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com