Electronic Components Datasheet Search
  English  ▼

X  

STIL04-P5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STIL04-P5
Description  AC inrush current limiter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04-P5 Datasheet(HTML) 2 Page - STMicroelectronics

  STIL04-P5 Datasheet HTML 1Page - STMicroelectronics STIL04-P5 Datasheet HTML 2Page - STMicroelectronics STIL04-P5 Datasheet HTML 3Page - STMicroelectronics STIL04-P5 Datasheet HTML 4Page - STMicroelectronics STIL04-P5 Datasheet HTML 5Page - STMicroelectronics STIL04-P5 Datasheet HTML 6Page - STMicroelectronics STIL04-P5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STIL04-P5
2/7
Symbol
Parameter
Value
Unit
VDout
VRout
Repetitive forward (VDout) and reverse (VRout)
off-state voltage
Tj (min) to
Tj (max)
700
V
Iout(AV)
Average on state current at the OUT terminal
(180° conduction angle for the internal power
switches)
Tj = 150°C
4A
Iout(RMS)
RMS on state current at the OUT terminal
(180° conduction angle for the internal power
switches)
Tj = 150°C
4.4
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
tp = 10ms
sinusoidal
65
A
I
2t
I
2t value - rating for fusing
tp = 10ms
21
A
2s
dIout/dt
Critical rate of rise of on state current
Ipt1 + Ipt2 = 20mA
Tj = 25°C
Tj = 150°C
100
A/µs
Tstg
Storage temperature range
-40 to +150
°C
Tj
Junction temperature range
0 to +150
°C
ABSOLUTE MAXIMUM RATINGS (Limiting value)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2
°C/W
Rth(j-a)
Junction to ambient (minimum footprint)
60
THERMAL PARAMETERS
The STIL04 is connected in parallel with the bridge diode and the inrush power resistor Ri (fig. A2). During
start up, the two unidirectional ASD™ power switches of the STIL04 are opened. The inrush current flows
through the diodes of the bridge and the external inrush power resistor Ri. Since the main converter turns
ON, the auxiliary power supply coupled with the main transformer, supplies the energy required to close
the two power switches of the STIL04. At the normal state, the two bottom diodes of the bridge rectifier and
the two unidirectional switches of the STIL04 rectify the AC line current.
When the STIL04 is used with a PFC boost converter, the inrush current circuit remains active after a short
AC line dropout (see fig. A5). In that configuration, since the AC line disappears, the PFC controller and the
auxiliary power supply of the STIL turns OFF. The two switches of the STIL are opened. The output bulk
capacitor Cb is discharging and it is providing the energy to the main converter. When the AC line recovers,
the two switches remain opened and recharging inrush current of the capacitor Cb is deviated and limited
through the resistor Ri. When the capacitor is charged, the PFC turns ON again and the two switches of the
STIL switch ON.
More details on the design and operation of the driver circuit of figure A5 can be found in the application
note “AN1600 - STIL: Inrush Current Limitation Device for Off-Line Power Converter”.
Functional Description



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com