Electronic Components Datasheet Search
  English  ▼

X  

STIL04-P5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STIL04-P5
Description  AC inrush current limiter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04-P5 Datasheet(HTML) 5 Page - STMicroelectronics

  STIL04-P5 Datasheet HTML 1Page - STMicroelectronics STIL04-P5 Datasheet HTML 2Page - STMicroelectronics STIL04-P5 Datasheet HTML 3Page - STMicroelectronics STIL04-P5 Datasheet HTML 4Page - STMicroelectronics STIL04-P5 Datasheet HTML 5Page - STMicroelectronics STIL04-P5 Datasheet HTML 6Page - STMicroelectronics STIL04-P5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STIL04-P5
5/7
1.0
10.0
100.0
1000.0
0.01
0.10
1.00
10.00
tp(ms)
I
(A), I²t(A²s)
TSM
T initial=25°C
j
ITSM
I²t
Fig. 1-1: Non repetitive surge peak on-state cur-
rent (sinusoidal pulse) and corresponding value of
I
2t.
1.0
10.0
100.0
1000.0
0.01
0.10
1.00
10.00
tp(ms)
I
(A), I²t(A²s)
TSM
T initial=150°C
j
ITSM
I²t
Fig. 1-2: Non repetitive surge peak on-state cur-
rent (sinusoidal pulse) and corresponding value of
I
2t.
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
25
50
75
100
125
150
Tj(°C)
Ipt1 or Ipt2 [Tj] / Ipt1 or Ipt2 [Tj = 25°C]
Fig. 2: Relative variation of driver trigger current
versus junction temperature (typical values).
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
25
50
75
100
125
150
Tj(°C)
VDpt1 or VDpt2 [Tj] / VDpt1 or VDpt2 [Tj = 25°C]
Fig. 3: Relative variation of direct pilot voltage ver-
sus junction temperature (typical values).
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
K = [Zth(j-c)/Rth(j-c)]
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration.
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
25
50
75
100
125
150
Tj(°C)
I
OFF(µA)
R(OUT)
P
& P
open
t1
t2
V
=700V
R(out)
Fig. 5-1: Reverse current versus junction temper-
ature without driver current (typical values).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com