Electronic Components Datasheet Search
  English  ▼

X  

STIL04-P5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STIL04-P5
Description  AC inrush current limiter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04-P5 Datasheet(HTML) 6 Page - STMicroelectronics

  STIL04-P5 Datasheet HTML 1Page - STMicroelectronics STIL04-P5 Datasheet HTML 2Page - STMicroelectronics STIL04-P5 Datasheet HTML 3Page - STMicroelectronics STIL04-P5 Datasheet HTML 4Page - STMicroelectronics STIL04-P5 Datasheet HTML 5Page - STMicroelectronics STIL04-P5 Datasheet HTML 6Page - STMicroelectronics STIL04-P5 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STIL04-P5
6/7
1.0
10.0
100.0
0
25
50
75
100
125
150
Tj(°C)
I
ON(µA)
R(OUT)
I
= I
=10mA
pt1
pt2
V
=400V
R(out)
Fig. 5-2: Reverse current versus junction temper-
ature with driver current (typical values).
1.00
1.04
1.08
1.12
1.16
1.20
0
25
50
75
100
125
150
Tj(°C)
V (V)
F
I
=6.3A
out(peak)
Fig. 6: Forward voltage drop for one power switch
versus junction temperature at the peak forward
current(typical values).
0
1
2
3
4
5
6
7
8
9
10
11
12
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
I
(A)
OUT
V (V)
F
T =25°C
j
Typical
Maximum
Fig. 7-1: Peak forward voltage drop versus peak
forward output current for one power switch at
Tj = 25°C (typical and maximal values).
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
150
Tj(°C)
dV
[Tj] / dV
[Tj=150°C]
DOUT
DOUT
V
=470V
Dout
Fig. 8: Relative variation of dV/dt immunity versus
junction temperature (typical values).
0
1
2
3
4
5
6
7
8
9
10
11
12
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
I
(A)
OUT
V (V)
F
T =150°C
j
Typical
Maximum
Fig. 7-2: Peak forward voltage drop versus peak
forward output current for one power switch at
Tj = 150°C (typical values and maximal values).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com