Electronic Components Datasheet Search
  English  ▼

X  

M74HC4351 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4351
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4351 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4351 Datasheet HTML 1Page - STMicroelectronics M74HC4351 Datasheet HTML 2Page - STMicroelectronics M74HC4351 Datasheet HTML 3Page - STMicroelectronics M74HC4351 Datasheet HTML 4Page - STMicroelectronics M74HC4351 Datasheet HTML 5Page - STMicroelectronics M74HC4351 Datasheet HTML 6Page - STMicroelectronics M74HC4351 Datasheet HTML 7Page - STMicroelectronics M74HC4351 Datasheet HTML 8Page - STMicroelectronics M74HC4351 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
August 2001
s
LOGIC LEVEL TRANSLATION TO ENABLE
5V LOGIC SIGNAL TO COMMUNICATE
WITH
± 5V ANALOG SIGNAL
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA = 25 °C
s
LOW "ON" RESISTANCE:
70
Ω TYP. (V
CC - VEE = 4.5V)
50
Ω TYP. (V
CC - VEE = 9V)
s
WIDE ANALOG INPUT VOLTAGE
RANGE
± 6v
s
LOW CROSSTALK BETWEEN SWITCHES
s
FAST SWITCHING
s
SINE WAVE DISTORTION:
0.02% (TYP.) at VCC - VEE = 9V
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4351
DESCRIPTION
The M74HC4351 is an high speed CMOS
ANALOG
MULTIPLEXER/DEMULTIPLEXER
fabricated with silicon gate C2MOS technology.
A built-in level shifting is included to allow an input
range up to
±6V (peak) for an analog signal with
digital control signal of 0 to 6V.
VEE supply pin is provided for analog input
signals. It has two enable inputs to enable all the
switches when high (EN2) or low (EN1). For
operation as a digital multiplexer/demultiplexer ,
VEE is connected to GND.
The M74HC4351 is a single 8 channel multiplexer/
demultiplexer having three binary control inputs A,
B and C to select 1 of 8 to be turned on, and
connected to the output.
M74HC4351
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4351B1R
SOP
M74HC4351M1R
M74HC4351RM13TR
TSSOP
M74HC4351TTR
TSSOP
DIP
SOP
ANALOG MULTIPLEXER/DEMULTIPLEXER WITH
ADDRESS LATCH : SINGLE 8 CHANNEL


Similar Part No. - M74HC4351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351B1R STMICROELECTRONICS-M74HC4351B1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351C1R STMICROELECTRONICS-M74HC4351C1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351F1R STMICROELECTRONICS-M74HC4351F1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
M74HC4351M1R STMICROELECTRONICS-M74HC4351M1R Datasheet
302Kb / 16P
ANALOGMULTIPLEXER/DEMULTIPLEXER WITHADDRESS LATCH: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Nov-1993
More results

Similar Description - M74HC4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Jul-2001
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
Single 8-channel analog multiplexer/demultiplexer
21-Apr-2008
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com