Electronic Components Datasheet Search
  English  ▼

X  

M74HC4351 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC4351
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4351 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC4351 Datasheet HTML 1Page - STMicroelectronics M74HC4351 Datasheet HTML 2Page - STMicroelectronics M74HC4351 Datasheet HTML 3Page - STMicroelectronics M74HC4351 Datasheet HTML 4Page - STMicroelectronics M74HC4351 Datasheet HTML 5Page - STMicroelectronics M74HC4351 Datasheet HTML 6Page - STMicroelectronics M74HC4351 Datasheet HTML 7Page - STMicroelectronics M74HC4351 Datasheet HTML 8Page - STMicroelectronics M74HC4351 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M74HC4351
4/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns, GND = 0)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
Φ
I/O
Phase Difference
Between Input
and Output
2.0
GND
25
60
75
ns
4.5
GND
6
12
15
6.0
GND
5
10
13
4.5
-4.5
4
tPZL
tPZH
Output Enable
Time
(E1, E2 - O)
2.0
GND
RL = 1KΩ
80
200
250
300
ns
4.5
GND
20
40
50
60
6.0
GND
16
34
43
51
4.5
-4.5
18
tPZL
tPZH
Output Enable
Time
(LE -I/O)
2.0
GND
RL = 1KΩ
80
225
280
340
ns
4.5
GND
22
45
56
68
6.0
GND
17
38
48
57
4.5
-4.5
18
tPZL
tPZH
Output Enable
Time
(A, B, C - I/O)
2.0
GND
RL = 1KΩ
75
225
280
340
ns
4.5
GND
22
45
56
68
6.0
GND
16
38
48
57
4.5
-4.5
17
tPLZ
tPHZ
Output Disable
Time
(E1, E2 - O)
2.0
GND
RL = 1KΩ
120
275
344
415
ns
4.5
GND
38
55
69
83
6.0
GND
33
47
59
71
4.5
-4.5
30
tPLZ
tPHZ
Output Disable
Time
(LE -I/O)
2.0
GND
RL = 1KΩ
120
275
344
415
ns
4.5
GND
40
55
69
83
6.0
GND
35
47
59
71
4.5
-4.5
34
tPLZ
tPHZ
Output Disable
Time
(A, B, C - I/O)
2.0
GND
RL = 1KΩ
120
290
363
433
ns
4.5
GND
40
58
73
87
6.0
GND
35
49
61
74
4.5
-4.5
35
tW(H)
Minimum Pulse
Width (LE)
2.0
GND
75
95
110
ns
4.5
GND
15
19
22
6.0
GND
13
16
19
ts
Minimum Set-Up
Time
2.0
GND
50
60
75
ns
4.5
GND
10
12
15
6.0
GND
9
11
13
th
Minimum Hold
Time
2.0
GND
55
5
ns
4.5
GND
5
5
5
6.0
GND
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com