Electronic Components Datasheet Search
  English  ▼

X  

M74HC4351 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC4351
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4351 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC4351 Datasheet HTML 1Page - STMicroelectronics M74HC4351 Datasheet HTML 2Page - STMicroelectronics M74HC4351 Datasheet HTML 3Page - STMicroelectronics M74HC4351 Datasheet HTML 4Page - STMicroelectronics M74HC4351 Datasheet HTML 5Page - STMicroelectronics M74HC4351 Datasheet HTML 6Page - STMicroelectronics M74HC4351 Datasheet HTML 7Page - STMicroelectronics M74HC4351 Datasheet HTML 8Page - STMicroelectronics M74HC4351 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M74HC4351
3/12
RECOMMENDED OPERATING CONDITIONS
DC SPECIFICATIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 12
V
VEE
Supply Voltage
2 to 12
V
VCC - VEE Supply Voltage
2 to 12
V
VI
Input Voltage
0 to VCC
V
VI/O
Switch I/O Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
VCC = 6.0V
0 to 400
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level
Control Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level Control
Input Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
4.5
GND
VI = VIHC or VILC
VI/O = VCC to VEE
II/O < 2 mA
85
180
225
Ω
4.5
-4.5
55
120
150
6.0
-6.0
50
100
125
2.0
GND
VI = VIHC or VILC
VI/O = VCC or VEE
II/O < 2 mA
150
4.5
GND
70
150
190
4.5
-4.5
50
100
125
6.0
-6.0
45
80
100
∆R
ON
Difference of ON
Resistance
between switches
4.5
GND
VI = VIHC or VILC
VI/O = VCC to VEE
II/O < 2 mA
10
30
35
Ω
4.5
-4.5
5
12
15
6.0
-6.0
5
10
12
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
6.0
-6.0
VOS= VCC or GND
VIS = VCC or GND
VIN = VILC
± 100
±
1000
nA
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
6.0
-6.0
VOS= VCC or GND
VINH = VIHC
± 100
±
1000
nA
IIN
Control Input
Current
6.0
GND VIN = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
6.0
GND
VIN = VCC or GND
44080
µA
6.0
-6.0
8
80
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com