Electronic Components Datasheet Search
  English  ▼

X  

STOD1812 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD1812
Description  Power supply for PMOLED display panel
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1812 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD1812 Datasheet HTML 2Page - STMicroelectronics STOD1812 Datasheet HTML 3Page - STMicroelectronics STOD1812 Datasheet HTML 4Page - STMicroelectronics STOD1812 Datasheet HTML 5Page - STMicroelectronics STOD1812 Datasheet HTML 6Page - STMicroelectronics STOD1812 Datasheet HTML 7Page - STMicroelectronics STOD1812 Datasheet HTML 8Page - STMicroelectronics STOD1812 Datasheet HTML 9Page - STMicroelectronics STOD1812 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STOD1812
6/19
4
Electrical characteristics
Table 6.
Electrical characteristics
(TJ = -40 °C to 125 °C, VI = 3.6 V, CI = CO = 4.7 µF, L = 2.2 µH, IO = 80 mA, VEN = VI,
VO = 18 V, R1=270 kΩ, R2 = 20 kΩ unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply section
VI
Supply input voltage
IO=0 to 120mA
2.5
5.5
V
IO
Load current
VI=2.5V to 5.5V
120
mA
UVLO_H
Under voltage lockout
HIGH
2.3
2.4
V
UVLO_L
Under voltage lockout
LOW
2.1
2.2
V
IQ
Quiescent current
IO=120mA
1.3
mA
No Load, Switching
0.3
mA
VFB=VI - No Load, No Switching
35
50
µA
VEN =GND
100
300
nA
VEN H
Enable high threshold
VI=2.5V to 5.5V
1.2
V
VEN L
Enable low threshold
VI=2.5V to 5.5V
0.4
V
IEN
Enable input current
VEN=Vi
500
nA
Dynamic performance
TON MAX
TON max time
0.5
µs
TSS
Soft-start time
From enable to output regulation
0.6
ms
DMAX
Maximum duty cycle
95
%
ν
Efficiency
IO=5 to 30mA
75
%
IO=30 to 120mA
85
%
Step-up converter section
VFB1
Feedback voltage
VI=2.5V to 5.5V
1.18
1.21
1.24
V
IFB
Feedback leakage
current
VI=2.5V to 5.5V
30
100
nA
VO_MAX
Output voltage range
VI=2.5V to 5.5V; IO=0 to 120mA
18
V
ΔV
O_SLI
Static line regulation
VI=2.5V to 5.5V, IO1=120mA,
0.6
%/V
ΔV
O_SLO
Static load regulation
IO=0 to 120mA, VI=3.6V;
0.0016
%/mA
ΔV
O_LIT
Line transient
regulation
VI=2.5V to 3.0V, IO1=120mA,
TR=TF=50µs TA=25°C
80
mV
ΔV
O_LOT
Load transient
regulation
IO=5 to 120mA and IO=120 to 5mA,
TR=TF=10µs TA=25°C, peak to peak
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com