Electronic Components Datasheet Search
  English  ▼

X  

STOD1812 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STOD1812
Description  Power supply for PMOLED display panel
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1812 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STOD1812 Datasheet HTML 3Page - STMicroelectronics STOD1812 Datasheet HTML 4Page - STMicroelectronics STOD1812 Datasheet HTML 5Page - STMicroelectronics STOD1812 Datasheet HTML 6Page - STMicroelectronics STOD1812 Datasheet HTML 7Page - STMicroelectronics STOD1812 Datasheet HTML 8Page - STMicroelectronics STOD1812 Datasheet HTML 9Page - STMicroelectronics STOD1812 Datasheet HTML 10Page - STMicroelectronics STOD1812 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STOD1812
Electrical characteristics
7/19
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SVR
Supply voltage
rejection
IO=5 to 120mA at 200Hz-Pulse
0.5VPP TDMA noise standard,
TA=25°C see Figure 14
40
mV
IPK
Inductor peak current
TA=25°C
2.4
A
RDSONP
Resistance on
P-channel
0.60
0.80
Ω
RDSONN
Resistance on
N-channel
0.25
0.65
Ω
Thermal shutdown
OTP
Over temperature
protection
150
°C
OTPHYST
Over temperature
protection hysteresis
20
°C
Table 6.
Electrical characteristics (continued)
(TJ = -40 °C to 125 °C, VI = 3.6 V, CI = CO = 4.7 µF, L = 2.2 µH, IO = 80 mA, VEN = VI,
VO = 18 V, R1=270 kΩ, R2 = 20 kΩ unless otherwise specified).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com