Electronic Components Datasheet Search
  English  ▼

X  

STOD1812 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STOD1812
Description  Power supply for PMOLED display panel
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1812 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STOD1812 Datasheet HTML 11Page - STMicroelectronics STOD1812 Datasheet HTML 12Page - STMicroelectronics STOD1812 Datasheet HTML 13Page - STMicroelectronics STOD1812 Datasheet HTML 14Page - STMicroelectronics STOD1812 Datasheet HTML 15Page - STMicroelectronics STOD1812 Datasheet HTML 16Page - STMicroelectronics STOD1812 Datasheet HTML 17Page - STMicroelectronics STOD1812 Datasheet HTML 18Page - STMicroelectronics STOD1812 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STOD1812
Package mechanical data
15/19
Table 8.
DFN10L mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
2.90
3
3.10
0.114
0.118
0.122
D2
2.23
2.38
2.48
0.088
0.094
0.098
E
2.90
3
3.10
0.114
0.118
0.122
E2
1.49
1.64
1.74
0.059
0.065
0.069
e
0.50
0.020
L
0.30
0.40
0.50
0.012
0.016
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19