Electronic Components Datasheet Search
  English  ▼

X  

L7809ABV Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7809ABV
Description  Precision 1 A regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809ABV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7809ABV Datasheet HTML 3Page - STMicroelectronics L7809ABV Datasheet HTML 4Page - STMicroelectronics L7809ABV Datasheet HTML 5Page - STMicroelectronics L7809ABV Datasheet HTML 6Page - STMicroelectronics L7809ABV Datasheet HTML 7Page - STMicroelectronics L7809ABV Datasheet HTML 8Page - STMicroelectronics L7809ABV Datasheet HTML 9Page - STMicroelectronics L7809ABV Datasheet HTML 10Page - STMicroelectronics L7809ABV Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
L78xxAB - L78xxAC
Electrical characteristics
7/26
5
Electrical characteristics
Table 4.
Electrical characteristics of L7805A (VI = 10 V, IO = 1 A, TJ = 0 to 150 °C (L7805AC),
TJ = -40 to 125 °C (L7805AB), unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
4.9
5
5.1
V
VO
Output voltage
IO = 5mA to 1A, PO ≤15W
VI = 7.5 to 20V
4.8
5
5.2
V
ΔVO (1)
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.
Line regulation
VI = 7.5 to 25V, IO = 500 mA
7
50
mV
VI = 8 to 12V
10
50
mV
VI = 8 to 12V, TJ = 25°C
2
25
mV
VI = 7.3 to 20V, TJ = 25°C
7
50
mV
ΔVO(*)
Load regulation
IO = 5mA to 1A
25
100
mV
IO = 5mA to 1.5A, TJ = 25°C
30
100
V
IO = 250 to 750mA
8
50
V
Iq
Quiescent current
TJ = 25°C
4.3
6
mA
6mA
ΔIq
Quiescent current change
VI = 8 to 25V, IO = 500 mA
0.8
mA
VI = 7.5 to 20V, TJ = 25°C
0.8
mA
IO = 5mA to 1A
0.5
mA
SVR
Supply voltage rejection
VI = 8 to 18V, f = 120Hz, IO = 500mA
68
dB
Vd
Dropout voltage
IO = 1A, TJ = 25°C
2
V
eN
Output noise voltage
TA = 25°C, B =10Hz to 100kHz
10
µV/VO
RO
Output resistance
f =1kHz
17
m
Ω
Isc
Short circuit current
VI = 35V, TA = 25°C
0.2
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
ΔVO/ΔT Output voltage drift
-1.1
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com