Electronic Components Datasheet Search
  English  ▼

X  

L7809ABV Datasheet(PDF) 23 Page - STMicroelectronics

Part # L7809ABV
Description  Precision 1 A regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809ABV Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L7809ABV Datasheet HTML 18Page - STMicroelectronics L7809ABV Datasheet HTML 19Page - STMicroelectronics L7809ABV Datasheet HTML 20Page - STMicroelectronics L7809ABV Datasheet HTML 21Page - STMicroelectronics L7809ABV Datasheet HTML 22Page - STMicroelectronics L7809ABV Datasheet HTML 23Page - STMicroelectronics L7809ABV Datasheet HTML 24Page - STMicroelectronics L7809ABV Datasheet HTML 25Page - STMicroelectronics L7809ABV Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
L78xxAB - L78xxAC
Package mechanical data
23/26
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
10.50
10.6
10.70
0.413
0.417
0.421
Bo
15.70
15.80
15.90
0.618
0.622
0.626
Ko
4.804.90
5.00
0.189
0.193
0.197
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
11.9
12.0
12.1
0.468
0.472
0.476
Tape & reel D2PAK-P2PAK-D2PAK/A-P2PAK/A mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com