Electronic Components Datasheet Search
  English  ▼

X  

L7809ABV Datasheet(PDF) 18 Page - STMicroelectronics

Part # L7809ABV
Description  Precision 1 A regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809ABV Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L7809ABV Datasheet HTML 14Page - STMicroelectronics L7809ABV Datasheet HTML 15Page - STMicroelectronics L7809ABV Datasheet HTML 16Page - STMicroelectronics L7809ABV Datasheet HTML 17Page - STMicroelectronics L7809ABV Datasheet HTML 18Page - STMicroelectronics L7809ABV Datasheet HTML 19Page - STMicroelectronics L7809ABV Datasheet HTML 20Page - STMicroelectronics L7809ABV Datasheet HTML 21Page - STMicroelectronics L7809ABV Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Package mechanical data
L78xxAB - L78xxAC
18/26
Dim.
mm.
inch.
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1
0.0300.039
F1
1.15
1.50
0.045
0.059
F2
1.15
1.50
0.045
0.059
G4.95
5.2
0.194
0.204
G1
2.4
2.7
0.094
0.106
H
10.0
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.3850.417
L5
2.93.6
0.114
0.142
L6
15.9
16.4
0.626
0.645
L7
99.3
0.354
0.366
DIA.
33.2
0.118
0.126
TO-220FP mechanical data
7012510A-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com