Electronic Components Datasheet Search
  English  ▼

X  

L5994 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 3Page - STMicroelectronics L5994_02 Datasheet HTML 4Page - STMicroelectronics L5994_02 Datasheet HTML 5Page - STMicroelectronics L5994_02 Datasheet HTML 6Page - STMicroelectronics L5994_02 Datasheet HTML 7Page - STMicroelectronics L5994_02 Datasheet HTML 8Page - STMicroelectronics L5994_02 Datasheet HTML 9Page - STMicroelectronics L5994_02 Datasheet HTML 10Page - STMicroelectronics L5994_02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
L5994 - L5994A
Detailed Functional Description
In the device block diagram six fundamental functional blocks can be identified:
·
1.9V to 5.1V step-down PWM switching regulator (section 1, pins 1, 4 to 8, 30 to 32);
·
1.66V to 3.3V step-down PWM switching regulator (section 2, pins 17 to 20, 24 to 27);
·
Linear regulator driver for an external PNP transistor (pins 21,22);
·
5V low drop-out linear regulator (pin 29);
·
2.5V reference voltage generator (pin 12);
·
Power Management section (pins 9 to 11, 14,16).
The chip is supplied through pin Vin (2), typically by a battery pack or the output of an AC-DC adapter, with a
voltage that can range from 5V to 25V. The return of the bias current of the device is the signal ground pin SGND
(13), which references the internal logic circuitry. The drivers of the external MOSFET's have their separate cur-
rent return, namely the power ground pin PGND (28). Take care of keeping separate the routes of signal ground
and the power ground pin when laying out the PCB (see "Layout and grounding" section). The two PWM regu-
lators share the internal oscillator, programmable or synchronizable through pin OSC (15).
PWM Regulators
Each PWM regulator includes control circuitry as well as gate-drive circuits for a step-down DC-DC converter
in buck topology using synchronous rectification and current mode control.
The two regulators are independent and almost identical. As one can see in the Block Diagram, they share only
21
VDRLIN
Linear regulator driver connection. It must be connected to the base pin of an external PNP
transistor and, through a resistor, to its emitter in order to supply the internal driver.
If no linear regulation is implemented, it may be left floating.
22
VFBLIN
Feedback input for the linear regulator. It must be connected directly, or through a resistor
divider, to the linear regulated output. If no linear regulation is implemented, it may be left
floating
23
PWROK2
Power Good open drain diagnostic signal. This output is in high inpedence when sect. 2 is
enabled and running properly after a delay defined by the CRST capacitor. When not used
may be left floating.
24
H2STRAP
Section 2 bootstrap capacitor connection. A bootstrap capacitor must be connected between
this pin and pin H2SRC to supply the H2GATE driver.
25
H2GATE
Gate driver for the section 2, high side NMOS
26
H2SRC
Section 2 High side NMOS source connection.
27
R2GATE
Gate driver for the section 2, low side NMOS (synchronuos rectifier)
28
PGND
Current return for power mosfet driver for both sections. Connect to the low side mosfet
sources pin. It must be routed separately from signal current returns
29
PREG5
5V internal regulator output. Used mainly to supply the bootstrap capacitors and the internal
circuitry connected to SREG5 via a low-pass filter.
30
R1GATE
Gate driver for the section 1, low side NMOS (synchronuos rectifier)
31
H1SRC
Section 1 High side NMOS source connection.
32
H1GATE
Gate driver for the section 1, high side NMOS
N°
Name
Function
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com