Electronic Components Datasheet Search
  English  ▼

X  

L5994 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 6Page - STMicroelectronics L5994_02 Datasheet HTML 7Page - STMicroelectronics L5994_02 Datasheet HTML 8Page - STMicroelectronics L5994_02 Datasheet HTML 9Page - STMicroelectronics L5994_02 Datasheet HTML 10Page - STMicroelectronics L5994_02 Datasheet HTML 11Page - STMicroelectronics L5994_02 Datasheet HTML 12Page - STMicroelectronics L5994_02 Datasheet HTML 13Page - STMicroelectronics L5994_02 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
L5994 - L5994A
10/26
Although the Schottky might appear to be redundant, it is not in a system where a very high efficiency is re-
quired. In fact, its lower threshold prevents the lossy body-diode of the synchronous rectifier MOSFET from turn-
ing on during the above mentioned dead-time. Both conduction and reverse recovery losses are cut down and
efficiency can improve of 1-2% in some cases. Besides a small diode is sufficient since it conducts for a very
short time.
See the "Power Management" section to see how both synchronous rectifiers are used to ensure zero voltage
output in stand-by conditions or in case of overvoltage.
Pulse-skipping operation
To achieve high efficiency at light load current as well, under this condition the regulators change their operation
(unless this feature is disabled): they abandon PWM and enter the so-called pulse-skipping mode, in which a
single switching cycle takes place every many oscillator periods.
The "light load condition" is detected when the voltage across the external sense resistor (VRSENSE) does not
exceed the pulse skipping threshold (13mV typ.) while the high-side MOSFET is conducting. When the reset
signal of the output latch comes from the error summing comparator while VRSENSE is below this value, it is ig-
nored and the actual reset is driven as soon as VRSENSE reaches the pulse skipping threshold. This gives some
extra energy that maintains the output voltage above its nominal value for a while. The oscillator pulses now set
the output latch only when the feedback signal indicates that the output voltage has fallen below its nominal
value. In this way, most of oscillator pulses are skipped and the resulting switching frequency is much lower, as
expressed by the following relationship:
where K = 3.2×10
3 and fPS is in Hz. As a result, the losses due to switching and to gate-drive, which mostly
account for power dissipation at low output power, are considerably reduced.
The section 1 can work with the input voltage very close to the output one (i.e. the output voltage is 5V), where
the current waveform may be so flat to prevent pulse-skipping from being activated. To avoid this, the pulse-
skipping threshold (of section 1 only) is roughly halved at low input voltages (VIN < 6.8V). Under this condition,
in the above formula the constant K becomes 12.8×10
3.
When in pulse-skipping, the output voltage is some ten mV higher than in PWM mode, just because of its mode
of operation. If this "load regulation" effect is undesirable for any reason, the pulse skipping feature can be dis-
abled (see "Power Management" section) to the detriment of efficiency at light load.
MOSFET's Drivers
To get the gate-drive voltage for the high-side N-channel MOSFET a bootstrap technique is employed. A ca-
pacitor is alternately charged through a diode from the 5V PREG5 line when the high-side MOSFET is OFF and
then connected to its gate-source leads by the internal floating driver to turn the MOSFET on. The PREG5 line
is used to drive the synchronous rectifier as well, and therefore the use of low-threshold MOSFET's (the so-
called "logic-level" devices) is highly recommended.
The drivers are of "dynamic" type, which means they do not give origin to current consumption when they are
in static conditions (ON or OFF), but only during transitions. This feature is aimed at minimizing the power con-
sumption of the device even during stand-by when both low-side MOSFET's are ON.
Adaptative anti shoot-through protection is implemented to prevent cross-conduction: the low side mosfet turn
on is disbled until the HSRC pin is above 2V and, in the same way, the high side mosfet turn on is disabled until
the RGATE pin is above 0.3V. During the time in which both mosfets are in off state, the recirculation of the
current is insured by the schottky diode. The resulting dead time depends on the mosfets used and on the cur-
rent flowing in the inductor; in this way many kinds of mosfets may be used and cross conduction is avoided.
f
PS
K
R
SEN SE
2
L
---------------------- I
OU T
V
OUT
1
V
OUT
V
IN
---------------
–



⋅⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com