Electronic Components Datasheet Search
  English  ▼

X  

L5994 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 4 Page - STMicroelectronics

  L5994_02 Datasheet HTML 1Page - STMicroelectronics L5994_02 Datasheet HTML 2Page - STMicroelectronics L5994_02 Datasheet HTML 3Page - STMicroelectronics L5994_02 Datasheet HTML 4Page - STMicroelectronics L5994_02 Datasheet HTML 5Page - STMicroelectronics L5994_02 Datasheet HTML 6Page - STMicroelectronics L5994_02 Datasheet HTML 7Page - STMicroelectronics L5994_02 Datasheet HTML 8Page - STMicroelectronics L5994_02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
L5994 - L5994A
4/26
V5
Over voltage threshold ON
V1SNS
2.09
2.15
2.21
V
Under voltage threshold ON
V1SNS
1.66
1.71
1.76
V
SECTION 2 PWM CONTROLLER
V2out
V2SNS feedback voltage
Vin = 5V to 20V
NOSKIP = REG5
Vi2sns-Vv2sns = 0 to 40mA
1.566
1.64
1.714
V
V19-V20
Overcurrent Threshold current
VSOFT2 = 3.1V
37
50
63
mV
V19-V20
Pulse skipping mode threshold
voltage
Vin > 6.8V
13
mV
V20
Over voltage threshold ON
V2SNS
1.843
1.9
1.957
V
Under voltage threshold ON
V2SNS
1.451
1.496
1.541
V
PWM CONTROLLERS CHARACTERISTICS
fOSC
Switching frequency accuracy
OSC = 2.5V
OSC = GND OR 5V
255
170
300
200
345
230
KHz
V15
Voltage range for 300KHz
operation
2.4
2.6
V
Td
Dead time
HS rise
LS rise
50
30
ns
Tov
Over voltage propagation time
V1SNS to PWROK or
V2SNS to PWROK
1.25
µs
Tuv
Under voltage propagation time
V1SNS to PWROK or
V2SNS to PWROK
1.5
µs
V5,V20
Output UVLO threshold latched
Respect output voltage
65
70
75
%
I8,I17
Soft start current
3.2
4
4.8
µA
V8,V17
Soft start clamp voltage
3.1
V
HIGH AND LOW SIDE GATE DRIVER (BOTH SECTIONS)
I25,I27
I32,I30
Source output peak current
Cload = 3.3nF
1
A
Sink output peak current
Cload = 3.3nF
1
A
RH
RdsON resistance
Driver out high
2.1
4
Ohm
RL
RdsON resistance
Driver out low
1.5
3
Ohm
VOH
Output high voltage
HSTRAP = PREG5
Isource = 10mA;
HSOURCE = GND
4.4
5.3
5.61
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com