Electronic Components Datasheet Search
  English  ▼

X  

M48Z2M1V Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z2M1V
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z2M1V Datasheet HTML 3Page - STMicroelectronics M48Z2M1V Datasheet HTML 4Page - STMicroelectronics M48Z2M1V Datasheet HTML 5Page - STMicroelectronics M48Z2M1V Datasheet HTML 6Page - STMicroelectronics M48Z2M1V Datasheet HTML 7Page - STMicroelectronics M48Z2M1V Datasheet HTML 8Page - STMicroelectronics M48Z2M1V Datasheet HTML 9Page - STMicroelectronics M48Z2M1V Datasheet HTML 10Page - STMicroelectronics M48Z2M1V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
M48Z2M1Y, M48Z2M1V
Table 3. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 100pF or 50pF (see Figure 10., page 11).
3. CL = 5pF (see Figure 10., page 11).
WRITE Mode
The M48Z2M1Y/V is in the WRITE Mode whenev-
er W and E are active. The start of a WRITE is ref-
erenced from the latter occurring falling edge of W
or E. A WRITE is terminated by the earlier rising
edge of W or E.
The addresses must be held valid throughout the
cycle. E or W must return high for minimum of tE-
HAX from E or tWHAX from W prior to the initiation
of another READ or WRITE cycle. Data-in must be
valid tDVEH or tDVWH prior to the end of WRITE and
remain valid for tEHDX or tWHDX afterward. G
should be kept high during WRITE cycles to avoid
bus contention; although, if the output bus has
been activated by a low on E and G, a low on W
will disable the outputs tWLQZ after W falls.
Figure 7. WRITE Enable Controlled, WRITE Mode AC Waveforms
Note: Output Enable (G) = High.
Symbol
Parameter(1)
M48Z2M1Y
M48Z2M1V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
READ Cycle Time
70
85
ns
tAVQV
(2)
Address Valid to Output Valid
70
85
ns
tAXQX
(2)
Address Transition to Output Transition
5
5
ns
tEHQZ
(3)
Chip Enable High to Output Hi-Z
30
35
ns
tELQV
(2)
Chip Enable Low to Output Valid
70
85
ns
tELQX
(3)
Chip Enable Low to Output Transition
5
5
ns
tGHQZ
(3)
Output Enable High to Output Hi-Z
25
35
ns
tGLQV
(2)
Output Enable Low to Output Valid
35
45
ns
tGLQX
(3)
Output Enable Low to Output Transition
5
5
ns
AI02053
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A20
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com