Electronic Components Datasheet Search
  English  ▼

X  

M48Z2M1V Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z2M1V
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z2M1V Datasheet HTML 1Page - STMicroelectronics M48Z2M1V Datasheet HTML 2Page - STMicroelectronics M48Z2M1V Datasheet HTML 3Page - STMicroelectronics M48Z2M1V Datasheet HTML 4Page - STMicroelectronics M48Z2M1V Datasheet HTML 5Page - STMicroelectronics M48Z2M1V Datasheet HTML 6Page - STMicroelectronics M48Z2M1V Datasheet HTML 7Page - STMicroelectronics M48Z2M1V Datasheet HTML 8Page - STMicroelectronics M48Z2M1V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
March 2005
M48Z2M1Y
M48Z2M1V
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER® SRAM
FEATURES SUMMARY
■
INTEGRATED, ULTRA LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT, AND
BATTERIES
■
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
■
10 YEARS OF DATA RETENTION IN THE
ABSENCE OF POWER
■
AUTOMATIC POWER-FAIL CHIP
DESELECT AND WRITE PROTECTION
■
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
–
M48Z2M1Y: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
–
M48Z2M1V: VCC = 3.0 to 3.6V
2.8V
≤ VPFD ≤ 3.0V
■
BATTERIES ARE INTERNALLY ISOLATED
UNTIL POWER IS APPLIED
■
PIN AND FUNCTION COMPATIBLE WITH
JEDEC STANDARD 2Mb x 8 SRAMs
Figure 1. 36-pin, DIP Module
PLDIP36 (PL)
Module
36
1


Similar Part No. - M48Z2M1V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z2M1V STMICROELECTRONICS-M48Z2M1V Datasheet
327Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z2M1V-70PL1 STMICROELECTRONICS-M48Z2M1V-70PL1 Datasheet
327Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z2M1V-85PL1 STMICROELECTRONICS-M48Z2M1V-85PL1 Datasheet
327Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
02-Aug-2010
More results

Similar Description - M48Z2M1V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z2M1 STMICROELECTRONICS-M48Z2M1 Datasheet
102Kb / 12P
16 Mb 2Mb x 8 ZEROPOWER SRAM
Jan-1998
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com