Electronic Components Datasheet Search
  English  ▼

X  

M48Z2M1V Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48Z2M1V
Description  5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V Datasheet(HTML) 4 Page - STMicroelectronics

  M48Z2M1V Datasheet HTML 1Page - STMicroelectronics M48Z2M1V Datasheet HTML 2Page - STMicroelectronics M48Z2M1V Datasheet HTML 3Page - STMicroelectronics M48Z2M1V Datasheet HTML 4Page - STMicroelectronics M48Z2M1V Datasheet HTML 5Page - STMicroelectronics M48Z2M1V Datasheet HTML 6Page - STMicroelectronics M48Z2M1V Datasheet HTML 7Page - STMicroelectronics M48Z2M1V Datasheet HTML 8Page - STMicroelectronics M48Z2M1V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M48Z2M1Y, M48Z2M1V
4/17
SUMMARY DESCRIPTION
The M48Z2M1Y/V ZEROPOWER® RAM is a non-
volatile 16,777,216-bit, Static RAM organized as
2,097,152 words by 8 bits. The device combines
two internal lithium batteries, CMOS SRAMs and a
control circuit in a plastic 36-pin DIP, long Module.
The ZEROPOWER RAM replaces industry stan-
dard SRAMs. It provides the nonvolatility of
PROMs without any requirement for special
WRITE timing or limitations on the number of
WRITEs that can be performed.
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. DIP Connections
AI02048
21
A0-A20
W
DQ0-DQ7
VCC
M48Z2M1Y
M48Z2M1V
G
VSS
8
E
A0-A20
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
VSS
VCC
AI02049
M48Z2M1Y
M48Z2M1V
10
1
2
5
6
7
8
9
11
12
13
16
17
18
30
29
26
25
24
23
22
21
20
19
3
4
28
27
32
31
14
15
34
33
36
35
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A16
A18
A12
A14
W
A17
A20
NC
NC
A19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com