Electronic Components Datasheet Search
  English  ▼

X  

TDA7580 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7580_07 Datasheet HTML 4Page - STMicroelectronics TDA7580_07 Datasheet HTML 5Page - STMicroelectronics TDA7580_07 Datasheet HTML 6Page - STMicroelectronics TDA7580_07 Datasheet HTML 7Page - STMicroelectronics TDA7580_07 Datasheet HTML 8Page - STMicroelectronics TDA7580_07 Datasheet HTML 9Page - STMicroelectronics TDA7580_07 Datasheet HTML 10Page - STMicroelectronics TDA7580_07 Datasheet HTML 11Page - STMicroelectronics TDA7580_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Block diagram and electrical specifications
TDA7580
8/39
Table 3.
Recommended DC operating conditions (Tj = -40°C to 125°C)
Symbol
Parameter
Comment
Min.
Typ.
Max.
Unit
VDD
1.8V Power supply voltage
Core power supply
1.7
1.80
1.9
V
VDDH
3.3V Power supply voltage (1)
IO Rings power supply
(with GNDH)
3.15
3.30
3.45
V
VOSC
3.3V Power supply voltage (1)
Oscillator power supply
(GNDOSC)
3.15
3.30
3.45
V
VDDSD
3.3V Power supply voltage (1)
IF ADC power supply
(with GNDSD)
3.15
3.30
3.45
V
VMTR
1.8V Power supply voltage
DAC keying and tuner clock
power supply (with GNDMTR)
1.7
1.80
1.9
V
1.
VDDH, VOSC, VDDSD are also indicated in this document as VDD3. All others as VDD.
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance junction to ambient
68
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com