Electronic Components Datasheet Search
  English  ▼

X  

TDA7580 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM digital IF sampling processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7580_07 Datasheet HTML 5Page - STMicroelectronics TDA7580_07 Datasheet HTML 6Page - STMicroelectronics TDA7580_07 Datasheet HTML 7Page - STMicroelectronics TDA7580_07 Datasheet HTML 8Page - STMicroelectronics TDA7580_07 Datasheet HTML 9Page - STMicroelectronics TDA7580_07 Datasheet HTML 10Page - STMicroelectronics TDA7580_07 Datasheet HTML 11Page - STMicroelectronics TDA7580_07 Datasheet HTML 12Page - STMicroelectronics TDA7580_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TDA7580
Block diagram and electrical specifications
9/39
2.1
Pin description
Figure 2.
PIN connection (top view)
1
VHI
2
VCM
3
VLO
4
INP
5
INN
6
VCMOP
7
GNDSD
8
GNDOSC
9
XTI
10
XTO
11
VDDOSC
12
VDDMTR
13
CKREFP
14
CKREFN
15
AGCKEY
16
GNDMTR
48
GND
47
VDD
46
TST3_LRCKR
45
TST2_SCKR
44
LRCK_LRCKT
43
SCLK_SCKT
42
SDO0
41
VDDH
40
GNDH
39
TST1_SDI1
38
TST4_SDI0
37
GPIO_SDO1
36
TESTN
35
GND
34
VDD
33
RESETN
DEBUG1
HS3I
RDS
DEBUG0
IFADC Modulator Power Supply pins pair
Oscillator Power Supply pins pair
Tuner Clock Out and AGC Keying DAC Power Supply pins pair
Core Logic 1.8V Power Supply pins pair
I/O Ring 3.3V Power Supply pins pair
Table 5.
Pin description
N°
Name
Type
Description
Notes
After
Reset
1VHI
A
Internally generated IFADC Opamps
2.65V (@VDD=3.3V) reference voltage pin
for external filtering
It needs external
minimum 4.7
μF ceramic
capacitor
2VCM
A
Internally generated common mode 1.65V
(@VDD=3.3V) reference voltage pin for
external filtering
It needs external
minimum 10
μF ceramic
capacitor
3VLO
A
Internally generated IFADC opamps
0.65V (@VDD=3.3V) reference voltage pin
for external filtering
It needs external
minimum 4.7
μF ceramic
capacitor
4
INP
A
Positive IF signal input from tuner
2.0Vpp @VDD=3.3V
5
INN
A
Negative IF signal input from tuner
2.0Vpp @VDD=3.3V
6
VCMOP
-
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com