Electronic Components Datasheet Search
  English  ▼

X  

TDA7495SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7495SA_07 Datasheet HTML 3Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 4Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 5Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 6Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 7Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 8Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 9Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 10Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TDA7495SA
Applications
7/15
3.3
Power-up/down sequence
In order to reduce the loud speaker “pop” noise when switching the device on or off we
recommend that you follow the sequence of operations shown in Figure 6 below.
Figure 6.
Recommended sequence using mute and stand-by functions
Using the mute function only
To simplify the application, pin STBY can be connected directly to ground so that the device
is always active. Then, to maintain the power-up/down performance you should adhere to
the following conditions:
"
At turn-on the transition mute to play must be made when pin SVR is higher than 2.5 V.
"
At turn-off the TDA7495SA must be set to mute from the play condition before pin SVR
falls below 2.5 V.
OFF
STBY MUTE
PLAY
STBY
OFF
MUTE
28
VS (V)
5
ST-BY
pin#9 (V)
5
MUTE
pin#10 (V)
INPUT
(mV)
VOUT
(V)
IQ
(mA)
D96AU531A
VSVR
pin#7(V)
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com